Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  Intel® 4th Generation Core i5 4300U/Celeron 2980U SoC Slim and Panel Mountable Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
ARK-1550
ARK-1550
Intel® 4th Generation Core i5 4300U/
Celeron 2980U SoC Slim and Panel
Mountable Fanless Box PC
ƒ
Intel® Dual Core Celeron 2980U 1.6 GHz / Core i5 4300U 1.9 GHz SoC
ƒ
One Swappable 2.5" SATA HDD Bay and mSATA slot
ƒ
Triple Independent Displays by VGA + HDMI
ƒ
Optional VESA / DIN Rail Mounting kits
ƒ
Supports 2 x Intel GbE and 1 x GPIO
ƒ
Built-in 1 x full size MiniPCIe
ƒ
Lockable DC jack design
ƒ
Supports SUSIAccess and WISE-PaaS software pack
ƒ
Support Intel Turbo Boost Technology 2.0 in Core i5 4300U
Specifications
ARK-1550-S6A1E
ARK-1550-S9A1E
Processor System
CPU
Intel Celeron 2980U Dual Core
Intel i5-4300U Dual Core
Frequency
1.6 GHz
1.9 GHz (Up to 2.9 GHz w/ Turbo Boost 2.0 enabled)
L3 Cache
2 MB
3 MB
BIOS
AMI EFI 128 Mbit
Memory
Technology
DDR3L 1333 MHz
DDR3L 1600 MHz
Max. Capacity
8 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel HD Graphics
Intel GT2-4400 Graphics
Graphic Engine
DirectX11.1, OpenGL 4.0, and OpenCL 1.2
Full AVC/VC1/MPEG2 HW Decode
VGA
Up to 1920 x 1200 at 60 Hz
HDMI
Lockable HDMI connector, up to 4096 x 2304 at 24 Hz (Lockable HDMI cable optional)
Audio
Main System
Realtek ALC888S, High Definition Audio (HD), Line-in, Line out, Mic-in
Ethernet
LAN #1
10/100/1000 Mbps Intel I218 GbE, support Wake on LAN
LAN #2
10/100/1000 Mbps Intel I210 GbE, support Wake on LAN
I/O Interface
Serial Ports
1 x RS-232 & 2 x RS-232/422/485 (BIOS selectable)
USB Interface
2 x USB 2.0 & 2 x USB3.0
GPIO
8 bit GPIO
Other
Watchdog timer
255-level timer interval, setup by software
Expansion
Mini PCIe
1 x Full-size Mini PCIe, support mSATA storage or WWAN module*
Storage
2.5" Drive Bay
1 x Swappable 2.5" SATA drive bay (Max Height 9.5 mm)
mSATA
Laverage MiniPCIe #1 slot
Software Support
Microsoft Windows
Windows 10, Windows 8, Windows 7, WES8, WES7
Linux
Support (by Project)
Power Requirement
Power Type
ATX/AT
Power Input Voltage
12 VDC
Minimum Power Input
12V, 5A
Power Adaptor
AD to DC, DC 12V/5A, 60W (Optional)
Power Consumption
Typical
5.64W
10.56W
Max.
15.12W
28.2W
Mechanical
Construction
Aluminum housing
Mounting
Desk/Wall Mounting (Standard), VESA & DIN-Rail Mounting Kit (Optional)
Dimensions (W x H x D)
223 x 46.6 x 133.0 mm (8.69" x 1.81" x 5.18")
Environment
Operating Temperature
With extended temperature SSD/mSATA/RAM :-20 ~ 55° C with 0.7m/s air flow
With standard temperature HDD/SSD/mSATA/RAM peripherals:0 ~ 40° C with 0.7m/s air flow
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With mSATA/SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis
Shock During Operation
With mSATA/SSD: 30G, IEC 60068-2-27, half sine, 11 ms duration
Regulation
EMC
CE/FCC Class A, CCC, BSMI
Safety
UL, CCC, BSMI, CB
* This is the hardware interface for wireless communication integration only. System level RF certification is not available.
All product specifications are subject to change without notice.
Last updated: 3-Jan-2022


Similar Part No. - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
Intel Celeron Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
Intel Atom Dual Core D2550
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle Full HD NVR w/4 PoE Ports 4th Gen
More results

Similar Description - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX560-880-FL AXIOMTEK-EBOX560-880-FL Datasheet
133Kb / 1P
4th Generation Intel Celeron 2980U 1.6 GHz / Core i5 4300U 1.9 GHz Haswell ULT SoC
logo
Advantech Co., Ltd.
ARK-1550 ADVANTECH-ARK-1550_15 Datasheet
626Kb / 2P
Intel짰 4th Generation Core i5 4300U/Celeron 2980U SoC Slim and Panel Mountable Fanless Box PC
ARK-2151S ADVANTECH-ARK-2151S_15 Datasheet
1Mb / 2P
Outdoor Full HD NVR w/4 PoE Ports 4th Gen. Intel Core i5 4300U SoC Fanless Box PC
ARK-2151V ADVANTECH-ARK-2151V_15 Datasheet
1Mb / 2P
In-Vehicle Full HD NVR w/4 PoE Ports 4th Gen. Intel짰 Core i5 4300U / Celeron 2980U SoC Fanless Box PC
logo
List of Unclassifed Man...
IMB-186 ETC2-IMB-186 Datasheet
751Kb / 1P
BGA Haswell MCP for Intel Core i5-4300U / Celeron 2980U
logo
Axiomtek Co., Ltd.
EBOX560-880-FL AXIOMTEK-EBOX560-880-FL_17 Datasheet
298Kb / 1P
Fanless Embedded System with Intel Celeron 2980U Core i5 4300U
logo
Advantech Co., Ltd.
ARK-2230L ADVANTECH-ARK-2230L Datasheet
1Mb / 4P
Intel Celeron Quad Core J1900 SoC Modular Fanless Box PC
C-BUNDLE-ARK1550-1 ADVANTECH-C-BUNDLE-ARK1550-1 Datasheet
994Kb / 2P
15 Intel 4th Generation Core i5 Modular Fanless Panel PC
logo
AAEON Technology
BOXER-6643-TGU AAEON-BOXER-6643-TGU Datasheet
686Kb / 2P
Fanless Embedded Box PC 11th Generation Intel® Core™ SoC Processor
2022/10/06
logo
BCM Advanced Research.
EPC-SKLU BCM-EPC-SKLU Datasheet
479Kb / 1P
6th Generation Intel® Core™/ Celeron® Processor Fanless Compact BOX PC
1/2/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com