Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R101E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # AMK-R101E
Description  EN50155 Intel® Atom E3845 SoC Rolling Stock Fanless System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R101E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  AMK-R101E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R101E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R101E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fanless Embedded Box PCs
ARK-R Extended Modules
Specifications
General
PoE
8 x 10/100/1000Base T(X) PoE+, 802.3at compliant, Total: 60W
PoE Connector
M12 X-coded, 8PIN
Drive bay
1 x Removable 2.5" drive bay
Mechanical
Dimension
260 x 26.5 x 160.2
Environment
Operating temperature
-40 ~ 70 °C, EN50155 TX
Shock/Vibration
IEC61373 Category1, Class B
Ordering Information
P/N
Description
AMK-R100E
8 x GbE PoE M12 X-coded, 1 x removable 2.5" drive bay
Specifications
General
PoE
8 x 10/100 Base T(X) PoE+, 802.3at compliant, Total: 60W
PoE Connector
M12 D-coded, 4PIN
Drive bay
1 x Removable 2.5” drive bay
Mechanical
Dimension
260 x 26.5 x 140
Environment
Operating temperature
-40 ~ 70 °C, EN50155 TX
Shock/Vibration
IEC61373 Category1, Class B
Ordering Information
P/N
Description
AMK-R104E
8 x 10/100 Mbps PoE M12 D-Coded, 1 x removable 2.5" drive bay
Specifications
General
PoE
4 x 10/100/1000Base T(X) PoE+, 802.3at compliant, Total: 60W
PoE Connector
M12 X-coded, 8PIN
Drive bay
1 x Removable 2.5" drive bay
Mechanical
Dimension
260 x 26.5 x 160.2
Environment
Operating temperature
-40 ~ 70 °C, EN50155 TX
Shock/Vibration
IEC61373 Category1, Class B
Ordering Information
P/N
Description
AMK-R101E
4 x GbE PoE M12 X-coded, 1 x removable 2.5" drive bay
Specifications
General
PoE
4 x 10/100 Base T(X) PoE+, 802.3at compliant, Total: 60W
PoE Connector
M12 D-coded, 4PIN
Drive bay
1 x Removable 2.5” drive bay
Mechanical
Dimension
260 x 26.5 x 140
Environment
Operating temperature
-40 ~ 70 °C, EN50155 TX
Shock/Vibration
IEC61373 Category1, Class B
Ordering Information
P/N
Description
AMK-R105E
4 x 10/100 Mbps PoE M12 D-Coded, 1 x removable 2.5" drive bay
ARK-2231R+AMK-R100E
Extra 8 x GbE PoE + removable 2.5" drive bay
ARK-2231R+AMK-R104E
Extra 8 x 10/100 Mbps PoE + removable 2.5" drive bay
ARK-2231R+AMK-R101E
Extra 4 x GbE PoE + removable 2.5" drive bay
ARK-2231R+AMK-R105E
Extra 4 x 10/100 Mbps PoE + removable 2.5" drive bay
Note: When installing PoE extension modules with ARK-2231R, please check ordering information or contact us for details.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com