Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R101E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R101E
Description  EN50155 Intel® Atom E3845 SoC Rolling Stock Fanless System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R101E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R101E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R101E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R101E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fanless Embedded Box PCs
Features
ARK-2231R
ƒ
Intel® E3845 Quad Core 1.91 GHz SoC
ƒ
Stackable extension design, option extension kit for applications
ƒ
DC 24V EN50155 S2/C1 compliant, DC 48/72/110V by project
ƒ
-40 ~ 70 °C wide temperature support with EN50155 TX compliant
ƒ
Solid connection for LAN/USB/Audio/COM and power input
ƒ
Anti-vibration/shock proof, IEC61373 Category1, ClassB
ƒ
Built-in Advantech remote management software WISE-PaaS/RMM
EN50155 Intel® Atom E3845 SoC Rolling
Stock Fanless System
Specifications
ARK-2231R-S9A2E
Processor System
CPU
Intel® E3845 Quad Core
Frequency
1.91 GHz
L2 Cache
2 MB
BIOS
AMI EFI
Memory
Technology
DDR3L 1333 MHz
Max. Capacity
8 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel® Gen7 Graphics
Graphic Engine
DirectX 11.1, OCL 1.2, OGL 3.2
Encode: H.264, MPEG2/4, VC1, WMV9
Decode: H.264, MPEG2
VGA
Up to 2560 x 1600 @ 60Hz
HDMI
HDMI 1.4a for HD video playback, 1080P at 60Hz
Dual Display
Yes, VGA + HDMI
Ethernet
LAN1
10/100/1000 Mbps Intel i210 GbE, support Wake On Lan, M12 X-Coded
LAN2
10/100/1000 Mbps Intel i210 GbE, support Wake On Lan, M12 X-Coded
Audio
Interface
Realtek ALC888S, High Definition Audio. Line-out,Mic-in,Line-in
IO Interface
Serial Ports
2 x RS-232/422/485 port with auto flow control
USB Interface
1 x USB2.0/3.0 Water-proof, 1 x USB2.0 M12 A-Coded, 1 x USB2.0 Type A
GPIO
8bit Programable DI/DO
Other
Watchdog timer
255 levels timer interval, setup by software
Expansion
Mini PCIe
1 x Full-size Mini PCIe (SATA/PCIe/USB)
1 x Full-size Mini PCIe (PCIe/USB)
1 x Full-size Mini PCIe (USB) w/Accessible SIM socket
GPS
1x onboard GPS GNSS module
Storage
SSD/HDD
1 x 2.5" SATA drive bay
mSATA
1 x full size mSATA socket
Software Support
Microsoft Windows
Win7, Win10
Linux
Support by project
Power Requirement
Power Type
ATX
Power Input Voltage
DC 24V - StandardDC 48/72/110V - by project
Regulation
EN50155 S2/C1 Compliant
Power Adapter
24V/ 150W (Option)
Power Consumption
Typical
18W
Max.
45W
Mechanical
Construction
Aluminum housing
Mounting
Wall / VESA / DIN-Rail Kit options
Dimensions (W x H x D)
260 x 57 x 160.2 mm
Weight
2.3 kg (5.07 lb)
Environment
Operating Temperature
With extended temperature peripherals: -40 ~ 70 °C EN50155 TX
Storage Temperature
- 40 ~ 85 °C ( -40 ~ 185 °F)
Relative Humidity
95% @ 40 °C (non-condensing)
Vibration During Operation
IEC61373 Category1, Class B
Shock During Operation
IEC61373 Category1, Class B
EMC
CE/FCC Class B, CCC, BSMI, EN50155
Safety Certifications
UL, CCC, BSMI, CB, EN50155 (No RED certification)
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 3-Aug-2022


Similar Part No. - AMK-R101E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R101E ADVANTECH-AMK-R101E Datasheet
2Mb / 3P
6th Gen Intel Core i7-6822EQ QC/i5-6442EQ QC Rugged FullHD NVR
27-May-2019
More results

Similar Description - AMK-R101E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARS-2110TX ADVANTECH-ARS-2110TX_15 Datasheet
730Kb / 2P
EN50155 Intel Atom E3845 Fanless Box PC
logo
Axiomtek Co., Ltd.
EBOX620-841-FL AXIOMTEK-EBOX620-841-FL_17 Datasheet
304Kb / 1P
Fanless Embedded System with Intel Atom Processor E3845 1.91 GHz HDMI
TBOX100-838-FL AXIOMTEK-TBOX100-838-FL Datasheet
574Kb / 2P
Fanless Embedded System with Intel Atom Processor E3845 for Vehicle
logo
Adlink Technology Inc.
MXE-1400V ADLINK-MXE-1400V Datasheet
216Kb / 2P
Intel Atom Processor E3845 SoC Fanless Embedded Computer for In-Vehicle
logo
Advantech Co., Ltd.
ARK-2232L ADVANTECH-ARK-2232L Datasheet
1Mb / 4P
Intel® Atom® E3940 SoC Modular Fanless Box PC
15-Dec-2020
ARS-2110 ADVANTECH-ARS-2110 Datasheet
1Mb / 2P
EN50155 Intel® Atom™ E3845 Fanless Box PC
12-Jul-2022
ITA-2111 ADVANTECH-ITA-2111 Datasheet
525Kb / 2P
Intel® Atom™ E3845 1U Fanless System; EN 50121-4 Compliant for Railway Applications
6-Jan-2021
ITA-2211 ADVANTECH-ITA-2211 Datasheet
895Kb / 2P
Intel® Atom™ E3845 2U Fanless System; EN 50121-4 Compliant for Railway Applications
6-Jan-2021
logo
Lanner All Rights Reser...
ICS-R372 LANNER-ICS-R372 Datasheet
624Kb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
R3S LANNER-R3S Datasheet
1Mb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
V9-2022.11.21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com