Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2G Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # M2G
Description  GLASS PAS SIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

M2G Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  M2G Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. M2G Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
For surface mounted applications
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case: JEDEC DO-214AC,molded plastic
Terminals: Solder plated, solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Weight: 0.002 ounces, 0.064 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
M3G M4G M5G M6G M7G UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forward rectified
current
@TL=110
I(AV)
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load TJ=125
Maximum instantaneous forward
voltage at 1.0 A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage @TA=100
IR
∝
A
Typical junction capacitance (Note1)
CJ
pF
Typical thermal resistance (Note2)
R JA
/W
Operating temperature range
TJ
Storage temperature range
TSTG
2. Thermal resistance from junction to ambient
35
70
Easily cleaned with Alcohol,Isopropnol
and similar solvents
The plastic material carries U/L recognition 94V-0
50
100
1.0
1.1
M1G
VOLTAGE RANGE
: 50 ---- 1000V
CURRENT: 1.0 A
M2G
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
IFSM
A
30.0
- 55 --- + 150
- 55 --- + 150
15.0
5.0
50.0
75.0
50
100
M1G --- M7G
www.diode.co.kr
1 .
SAMYANG ELECTRONICS
SAM YANG
GLASS PASSIVATED RECTIFIERS
Glass passivated junction
inch (mm)
DO-214AC(SMA)


Similar Part No. - M2G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M2G MACOM-M2G Datasheet
349Kb / 3P
Double-Balanced Mixer
logo
SEMTECH ELECTRONICS LTD...
M2G SEMTECH_ELEC-M2G Datasheet
157Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
M/A-COM Technology Solu...
M2G MA-COM-M2G Datasheet
993Kb / 3P
Double-Balanced Mixer
M2G MA-COM-M2G Datasheet
993Kb / 3P
Double-Balanced Mixer
logo
Shanghai Shunye Electro...
M2G SHUNYE-M2G Datasheet
16Mb / 2P
SURFACE MOUNT GLASS GENERAL RECTIFIER
More results

Similar Description - M2G

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS311HR-VA6R TAIYO-YUDEN-PAS311HR-VA6R Datasheet
188Kb / 4P
COIN TYPE PAS CAPACITOR
PAS0815LR2R3105 TAIYO-YUDEN-PAS0815LR2R3105 Datasheet
127Kb / 4P
CYLINDER TYPE PAS CAPACITOR
logo
HY ELECTRONIC CORP.
JD10001 HY-JD10001_17 Datasheet
133Kb / 3P
SILICON RECTIFIERS GLASS PASSIVATED RECTIFIERS
JD100005 HY-JD100005_17 Datasheet
133Kb / 3P
SILICON RECTIFIERS GLASS PASSIVATED RECTIFIERS
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
EM512G DACO-EM512G Datasheet
695Kb / 2P
GLASS PASSIVATED RECTIFIERS
GR301G DACO-GR301G Datasheet
853Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
Infineon Technologies A...
PASCO2 INFINEON-PASCO2 Datasheet
1Mb / 22P
XENSIVTM PAS CO2
V 1.0 2022-01-17
logo
SAMYANG ELECTRONICS CO....
M1G SAMYANG-M1G_V01 Datasheet
1Mb / 2P
GLASS PAS SIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com