Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSB-U2R Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PACUSB-U2R
Description  Upstream USB Port Terminator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-U2R Datasheet(HTML) 3 Page - California Micro Devices Corp

  PACUSB-U2R Datasheet HTML 1Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 2Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 3Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 4Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 5Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 6Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
05/01/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
●
Tel: 408.263.3214
●
Fax: 408.263.7846
●
www.cmd.com
3
PACUSB-U1/U2/U3
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
V3.3 (Supply Voltage)
5.5
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
DC Power to Resistor
100
mW
Package Power
200
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
V3.3 (Supply Voltage)
3.3
V
Ambient Operating Temperature
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com