Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSB-U2R Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACUSB-U2R
Description  Upstream USB Port Terminator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-U2R Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACUSB-U2R Datasheet HTML 1Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 2Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 3Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 4Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 5Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 6Page - California Micro Devices Corp PACUSB-U2R Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
05/01/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
●
Tel: 408.263.3214
●
Fax: 408.263.7846
●
www.cmd.com
1
PACUSB-U1/U2/U3
Upstream USB Port Terminator
Features
•
One upstream USB port terminator, EMI filter and
transient overvoltage protector in a single surface-
mount package
•
Compact SC70 or SOT23 package saves board
space and lowers manufacturing costs compared
to discrete solutions
•
ESD protection to
±30kV contact discharge per
MIL-STD-883D, method 3015
•
ESD protection to
±15kV contact discharge per
IEC 61000-4-2 international standard
•
Lead-free version available
Applications
•
ESD protection and termination of USB port
•
All USB peripherals (PC printers, scanners,
zip drives, etc.)
•
PDAs / handheld PCs
•
Digital cameras
•
Wireless Handets
•
MP3 Players
•
Cable Modems
Product Description
The PACUSB-U1, PACUSB-U2, and PACUSB-U3 are
single-channel USB upstream-port termination net-
works.
The PACUSB-U1/U2/U3 integrate EMI/RFI filter com-
ponents R1 and C1, as recommended by the USB
specification. Because these are upstream USB
devices, they are terminated with a single 1.5k
Ωpull-up
resistor to V3.3 (R2).
There are three options for the value of the series
resistor R1:
•
For PACUSB-U1, R1=15
Ω
•
For PACUSB-U2, R1=33
Ω
•
For PACUSB-U3, R1=22
Ω
This series resistance plus the USB driver output resis-
tance must be close to the USB cable’s characteristic
impedance of 45
Ω (90Ω balanced) to minimize trans-
mission line reflections.
In addition, these parts provide a very high level of pro-
tection for sensitive electronic components that may be
subjected to electrostatic discharge (ESD). The input
and output pins are designed and characterized to dis-
sipate ESD strikes of
±15kV safely, a level well beyond
the maximum requirements of the IEC 61000-4-2 inter-
national standard.
Using the MIL-STD-883D (Method 3015) specification
for Human Body Model (HBM) ESD, all pins are pro-
tected for contact discharges to greater than
±30kV.
The PACUSB-U1/U2/U3 is housed in either a 6-pin
SC70 or 6-pin SOT23 package and is available with
optional lead-free finishing.
Vcc
SC70 6
R1
GND
IN1
OUT 1
OUT 2
IN2
1
2
3
C1
C1
R1
R2
6
5
4
D1_c
V3.3
D2_c
GND
D1_i
D2_i
Electrical Schematic
i = input
c = connector


Similar Part No. - PACUSB-U2R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACUSB-U2R ONSEMI-PACUSB-U2R Datasheet
114Kb / 9P
Upstream USB Port Terminator
June 2010 ??Rev. 2
PACUSB-U2R ONSEMI-PACUSB-U2R Datasheet
116Kb / 6P
Upstream USB Port Terminator
October, 2011 ??Rev. 3
PACUSB-U2R ONSEMI-PACUSB-U2R Datasheet
115Kb / 6P
Upstream USB Port Terminator
October, 2011 ??Rev. 3
More results

Similar Description - PACUSB-U2R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2221W1T2 ONSEMI-NUF2221W1T2 Datasheet
45Kb / 6P
USB Upstream Terminator with ESD Protection
June, 2003 - Rev. 1
logo
Littelfuse
SPUSB1AJT LITTELFUSE-SPUSB1AJT Datasheet
62Kb / 3P
TVS Diode Arrays - Upstream USB Port Terminator with ESD Suppression & EMI Filtering
logo
ON Semiconductor
NUF2015W1 ONSEMI-NUF2015W1 Datasheet
140Kb / 6P
USB Upstream Terminator with ESD Protection
March, 2006 ??Rev. 3
NUF2030XV6 ONSEMI-NUF2030XV6 Datasheet
56Kb / 6P
USB Upstream Terminator with ESD Protection
July, 2005 ??Rev. 2
NUF2221W1T2 ONSEMI-NUF2221W1T2_05 Datasheet
60Kb / 6P
USB Upstream Terminator with ESD Protection
June, 2005 ??Rev. 2
NUF2221W1 ONSEMI-NUF2221W1 Datasheet
134Kb / 5P
USB Upstream Terminator with ESD Protection
November, 2008 ??Rev. 0
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
Upstream USB Port Terminator
June 2010 ??Rev. 2
logo
Semtech Corporation
STF203-15 SEMTECH-STF203-15 Datasheet
174Kb / 6P
USB Upstream Port Filter and TVS
logo
ON Semiconductor
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
Upstream USB Port Terminator
October, 2011 ??Rev. 3
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
Upstream USB Port Terminator
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com