Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACLPREG Datasheet(PDF) 10 Page - ON Semiconductor

Part # TL431ACLPREG
Description  Programmable Precision References
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431ACLPREG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button TL431ACLPREG Datasheet HTML 6Page - ON Semiconductor TL431ACLPREG Datasheet HTML 7Page - ON Semiconductor TL431ACLPREG Datasheet HTML 8Page - ON Semiconductor TL431ACLPREG Datasheet HTML 9Page - ON Semiconductor TL431ACLPREG Datasheet HTML 10Page - ON Semiconductor TL431ACLPREG Datasheet HTML 11Page - ON Semiconductor TL431ACLPREG Datasheet HTML 12Page - ON Semiconductor TL431ACLPREG Datasheet HTML 13Page - ON Semiconductor TL431ACLPREG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TL431A, B Series, NCV431A, B Series, SCV431A
www.onsemi.com
10
Figure 30. High Efficiency Step−Down Switching Converter
150
mH @ 2.0 A
1N5823
0.01
mF
+
470
mF
51 k
0.1
mF
+
2200
mF
4.7 k
Vin = 10 V to 20 V
TIP115
MPSA20
1.0 k
4.7 k
4.7 k
10
2.2 k
100 k
Vout = 5.0 V
Iout = 1.0 A
Test
Conditions
Results
Line Regulation
Vin = 10 V to 20 V, Io = 1.0 A
53 mV (1.1%)
Load Regulation
Vin = 15 V, Io = 0 A to 1.0 A
25 mV (0.5%)
Output Ripple
Vin = 10 V, Io = 1.0 A
50 mVpp P.A.R.D.
Output Ripple
Vin = 20 V, Io = 1.0 A
100 mVpp P.A.R.D.
Efficiency
Vin = 15 V, Io = 1.0 A
82%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com