Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACLPREG Datasheet(PDF) 12 Page - ON Semiconductor

Part # TL431ACLPREG
Description  Programmable Precision References
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431ACLPREG Datasheet(HTML) 12 Page - ON Semiconductor

Back Button TL431ACLPREG Datasheet HTML 8Page - ON Semiconductor TL431ACLPREG Datasheet HTML 9Page - ON Semiconductor TL431ACLPREG Datasheet HTML 10Page - ON Semiconductor TL431ACLPREG Datasheet HTML 11Page - ON Semiconductor TL431ACLPREG Datasheet HTML 12Page - ON Semiconductor TL431ACLPREG Datasheet HTML 13Page - ON Semiconductor TL431ACLPREG Datasheet HTML 14Page - ON Semiconductor TL431ACLPREG Datasheet HTML 15Page - ON Semiconductor TL431ACLPREG Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TL431A, B Series, NCV431A, B Series, SCV431A
www.onsemi.com
12
Figure 31. Simplified TL431 Device Model
+
RL
VCC
-
CL
15 k
9.0
mF
Input
8.25 k
3
Cathode
500 k
Vref
1.78 V
Rref
16
GM
Anode
2
RGM
1.0 M
Ref
1
Go
1.0
mmho
CP2
0.265 pF
RP2
10 M
RZ1
15.9 k
CP1
20 pF
f, FREQUENCY (Hz)
102
101
-20
30
20
60
0
Figure 32. Example 1 Circuit Open Loop Gain Plot
TL431 OPEN-LOOP VOLTAGE GAIN VERSUS FREQUENCY
40
104
103
107
105
106
10
-10
50
Example 2.
IC = 7.5 mA, RL = 2.2 kW, CL = 0.01 mF. Cathode tied to
reference input pin. An examination of the data sheet
stability boundary curve (Figure 15) shows that this value of
load capacitance and cathode current is on the boundary.
Define the transfer gain.
The DC gain is:
G + GMRGMGoRL +
(2.323)(1.0 M)(1.25 m)(2200) + 6389 + 76 dB
The resulting open loop Bode plot is shown in Figure 33.
The asymptotic plot may be expressed as the following
equation:
Av + 615
1 )
jf
500 kHz
1 )
jf
8.0 kHz
1 )
jf
60 kHz
1 )
jf
7.2 kHz
Note that the transfer function now has an extra pole
formed by the load capacitance and load resistance.
Note that the crossover frequency in this case is about
250 kHz, having a phase margin of about −46 degrees.
Therefore, instability of this circuit is likely.
f, FREQUENCY (Hz)
102
101
-20
40
20
80
0
Figure 33. Example 2 Circuit Open Loop Gain Plot
TL431 OPEN-LOOP BODE PLOT WITH LOAD CAP
60
104
103
106
105
With three poles, this system is unstable. The only hope
for stabilizing this circuit is to add a zero. However, that can
only be done by adding a series resistance to the output
capacitance, which will reduce its effectiveness as a noise
filter. Therefore, practically, in reference voltage
applications, the best solution appears to be to use a smaller
value of capacitance in low noise applications or a very
large value to provide noise filtering and a dominant pole
rolloff of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com