Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36WSWPDOBUND11 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 36WSWPDOBUND11
Description  Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

36WSWPDOBUND11 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  36WSWPDOBUND11 Datasheet HTML 1Page - Advantech Co., Ltd. 36WSWPDOBUND11 Datasheet HTML 2Page - Advantech Co., Ltd. 36WSWPDOBUND11 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Dimensions
Wallmount
Unit: mm
ARK-3534D
External I/O Mechanical Layout/Drawing
Power Switch
Optional DIO
DC IN 9~36V
COM5
COM3
COM2
COM1
Audio
Power on/off
HDD LED
COM6
COM4
Optioanl Display
HDMI2
HDMI1
LAN2/USB4/USB3
LAN4/LAN3
LAN1/USB2/USB1
USB8/USB7/USB6/USB5
Optional
COM/CANBus
197.2
230
244.3
Detail A
Scale 4 : 1
4
Ø5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com