Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36WSWPDOBUND11 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # 36WSWPDOBUND11
Description  Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

36WSWPDOBUND11 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  36WSWPDOBUND11 Datasheet HTML 1Page - Advantech Co., Ltd. 36WSWPDOBUND11 Datasheet HTML 2Page - Advantech Co., Ltd. 36WSWPDOBUND11 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fanless Embedded Box PCs
ARK-3534D
ARK-3534D Default SKU Option Items
Optional Item for Default SKU
Part Number
Description
96PSA-A230W24P4-3
AC to DC adapter, DC 24V 230W, -20 ~ 60 °C
1702002600
Power cable 3-pin 183cm, USA type
1702002605
Power cable 3-pin 183cm, EU type
1702031801
Power cable 3-pin 183cm, UK type
1700000237
Power cable, 3-Pin 183cm, PSE type
ARK-3534D Optional HDD expansion
Kit
Part Number
Description
TBD
Optional Display Module
Part Number
Description
AMO-D001E
DVI-D module
AMO-D002E
DP module
AMO-D003E
HDMI module
Optional TPM Module
Part Number
Description
AMO-I029
TPM 2.0 Infineon SLB9670V2.0
Ordering Information
Part No.
CPU
DDR5
Gbe
HDMI Option 3rd
display module RS-232
RS-232/422/485 USB M.2 B
key
SIM M.2 E
Key
DC Input Expansion
ARK-3534D-00A1
LGA1700
Socket Type
Up to 64GB
4
2
1
Up to 4
4
8
1
1
1
9-36V
PCIex4 +
2PCI +
PCIex16
Note: CPU/Memory/Storage and operating system bundled by request.
Packing List
Part Number
Description
-
ARK-3534D Unit
-
User Manual (Simplified Chinese)
-
China RoHS
-
Desk mounting kit
36WSWPDOBUND11
WISE-DeviceOn
36WSWPDOBD0211
McAfee Application Control Lite/Acronis Backup 11.7
for Windows PC
Embedded OS
Part Number
Description
TBD
ARK-3534D Optional Expansion Kit
for add-on Cards
Part Number
Description
AMO-3509
ARK-3534D fan kit
*Please add this kit once the add-on card power consumption over than 30Watts



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com