Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31050 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSC31050
Description  Advanced Differential Sensor Signal Conditioner
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31050 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSC31050 Datasheet HTML 17Page - Renesas Technology Corp ZSC31050 Datasheet HTML 18Page - Renesas Technology Corp ZSC31050 Datasheet HTML 19Page - Renesas Technology Corp ZSC31050 Datasheet HTML 20Page - Renesas Technology Corp ZSC31050 Datasheet HTML 21Page - Renesas Technology Corp ZSC31050 Datasheet HTML 22Page - Renesas Technology Corp ZSC31050 Datasheet HTML 23Page - Renesas Technology Corp ZSC31050 Datasheet HTML 24Page - Renesas Technology Corp ZSC31050 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ZSC31050 Datasheet
© 2022 Renesas Electronics Corporation
21
January 14, 2022
2.6 Voltage Regulator
For 3V to 5V (±10%) ratiometric output applications, the external supply voltage can be used for sensor element biasing. If an absolute analog
output is required, then the internal voltage regulator with an external power regulation element (JFET) can be used. The regulation is bandgap-
reference-based and designed for an external supply voltage VSUPP in the range of 7V to 48V DC. The internal supply and sensor bridge voltage
can be varied between 3V and 5.5V in four steps with the voltage regulator as determined by a configuration word in EEPROM.
2.7 Watchdog and Error Detection
The ZSC31050 detects various possible errors. A detected error is signaled by changing to a diagnostic mode. In this case, the analog output
is set to the high or low level (maximum or minimum possible output value) depending on the error and the output registers of the digital serial
interface are set to a correlated error code.
A watchdog continuously monitors the operation of the CMC and the progress of the measurement loop.
A continuous check of the sensor bridge for broken wires is done by two comparators monitoring the input voltage of each input [(VSSA + 0.5V)
to (VDDA – 0.5V)]. The common mode voltage of the sensor is continuously monitored to detect sensor aging.
Different functions and blocks in the digital section are continuously monitored, including the RAM, ROM, EEPROM, and register contents.
See section 1.3.4 in the ZSC31050 Functional Description for a detailed description of all monitored blocks and methods of indicating errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com