Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN13801-R Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part # MN13801-R
Description  CMOS LSIs for Voltage Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN13801-R Datasheet(HTML) 16 Page - Panasonic Semiconductor

Back Button MN13801-R Datasheet HTML 12Page - Panasonic Semiconductor MN13801-R Datasheet HTML 13Page - Panasonic Semiconductor MN13801-R Datasheet HTML 14Page - Panasonic Semiconductor MN13801-R Datasheet HTML 15Page - Panasonic Semiconductor MN13801-R Datasheet HTML 16Page - Panasonic Semiconductor MN13801-R Datasheet HTML 17Page - Panasonic Semiconductor MN13801-R Datasheet HTML 18Page - Panasonic Semiconductor MN13801-R Datasheet HTML 19Page - Panasonic Semiconductor MN13801-R Datasheet HTML 20Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
MN1380 Series
Microcomputer Peripheral LSIs
3
2
1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VOL(V)
20
15
10
5
0
01
2
3
4
5
VOL(V)
–30˚C
80˚C
–30˚C
80˚C
A
V
VSS
OUT
VDD
1.8V
A
V
VSS
OUT
VDD
5V
Room temperature
Room temperature
Reference Characteristics (continued)
Figure 9.a. IOL vs. VOL Characteristic
Figure 9.b. Measurement Circuit
Figure 10.a. IOH vs. VOH Characteristic
Figure 10.b. Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com