Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN13801-R Datasheet(PDF) 20 Page - Panasonic Semiconductor

Part # MN13801-R
Description  CMOS LSIs for Voltage Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN13801-R Datasheet(HTML) 20 Page - Panasonic Semiconductor

Back Button MN13801-R Datasheet HTML 12Page - Panasonic Semiconductor MN13801-R Datasheet HTML 13Page - Panasonic Semiconductor MN13801-R Datasheet HTML 14Page - Panasonic Semiconductor MN13801-R Datasheet HTML 15Page - Panasonic Semiconductor MN13801-R Datasheet HTML 16Page - Panasonic Semiconductor MN13801-R Datasheet HTML 17Page - Panasonic Semiconductor MN13801-R Datasheet HTML 18Page - Panasonic Semiconductor MN13801-R Datasheet HTML 19Page - Panasonic Semiconductor MN13801-R Datasheet HTML 20Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
MN1380 Series
Microcomputer Peripheral LSIs
Reliability Testing Results for MN1380 Series
(1) M type package (MN1380/MN13801/MN13802) and TO-92 type package (MN1381/MN13811/MN13812)
Test Subjects
Test Conditions
Results
Operating lifetime test
VDD=5.5V, Ta=125˚C, t=1000hrs
0/15
High-temperature storage test
Ta=150˚C, t=1000hrs
0/15
Low-temperature storage test
Ta=–65˚C, t=1000hrs
0/15
High-temperature,
Ta=85˚C, RH=85%, t=1000hrs
0/15
high-humidity storage test
High-temperature,
VDD=5.5V, Ta=85˚C, RH=85%, t=1000hrs
0/15
high-humidity bias test
Thermal shock test
Ta=150˚C and –65˚C.
0/15
Five minutes at each temperature for ten cycles
Temperature cycle test
Ta=150˚C and –65˚C.
0/15
Thirty minutes at each temperature for ten cycles
Pressure cooker test
Two atmospheres for 50 hours at ambient temperature (Ta) of 121˚C
0/15
Soldering test
Ambient temperature (Ta) of 230˚C for five seconds
0/15
Solder heat resistance test
Ambient temperature (Ta) of 270˚C for ten seconds
0/15
(2) Mini type package (MN1382/MN13821/MN13822)
Test Subjects
Test Conditions
Results
Operating lifetime test
VDD=5.5V, Ta=125˚C, t=1000hrs
0/15
High-temperature storage test
Ta=150˚C, t=1000hrs
0/15
Low-temperature storage test
Ta=–65˚C, t=1000hrs
0/15
High-temperature,
Ta=85˚C, RH=85%, t=1000hrs
0/15
high-humidity storage test
High-temperature,
VDD=5.5V, Ta=85˚C, RH=85%, t=1000hrs
0/15
high-humidity bias test
Thermal shock test
Ta=150˚C and –65˚C.
0/15
Five minutes at each temperature for ten cycles
Temperature cycle test
Ta=150˚C and –65˚C.
0/15
Thirty minutes at each temperature for ten cycles
Pressure cooker test *1
Two atmospheres for 24 hours at ambient temperature (Ta) of 121˚C
0/15
Soldering test
Ambient temperature (Ta) of 230˚C for five seconds
0/15
Solder heat resistance test *1
Ambient temperature (Ta) of 260˚C for five seconds
0/15
Note*1: Note that the testing conditions for the mini package differ from those for the other two packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com