Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EG32-R1000 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # HLMP-EG32-R1000
Description  T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-EG32-R1000 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button HLMP-EG32-R1000 Datasheet HTML 4Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 5Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 6Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 7Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 8Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 9Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 10Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 11Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Broadcom
AV02-0373EN
8
HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
Electrical/Optical Characteristics at TA = 25 °C
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Forward Voltage
VF
VIF = 20 mA
Amber (
d = 590 nm)
—
2.02
2.4
Orange (
d = 605 nm)
—
1.98
2.4
Red-Orange (
d = 615 nm)
—
1.94
2.4
Red (
d = 626 nm)
—
1.90
2.4
Reverse Voltage
VR
520
—
V
IR = 100 µA
Dominant Wavelength
d
nm
IF = 20 mA
Red
620.0
626.0
630.0
Amber
584.5
590.0
594.5
Orange
599.5
605.0
610.5
Red Orange
612.0
615.0
621.7
Peak Wavelength
PEAK
nm
Peak of Wavelength of Spectral Distribution at
IF =20 mA
Amber (
d = 590 nm)
—
592
—
Orange (
d = 605 nm)
—
609
—
Red-Orange (
d = 615 nm)
—
621
—
Red (
d = 626 nm)
—
635
—
Spectral Halfwidth
½
—
17
—
nm
Wavelength Width at Spectral Distribution ½
Power Point at IF = 20 mA
Speed of Response
τs
—20—
ns
Exponential Time Constant, e-t/ts
Capacitance
C
—
40
—
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
J-PIN
—
240
—
°C/W
LED Junction-to-Cathode Lead
Luminous Efficacya
a. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and
ηv is the luminous efficacy in lumens/watt.
ηV
Im/W
Emitted Luminous Flux/Electrical Power
Amber (
d = 590 nm)
—
480
—
Orange (
d = 605 nm)
—
370
—
Red-Orange (
d = 615 nm)
—
260
—
Red (
d = 626 nm)
—
150
—
Luminous Flux
φV
—500
—
mIm
IF = 20 mA
Luminous Efficiencyb
b.
ηe = φV / IF x VF, where φV is the emitted luminous flux, IF is electrical forward current, and VF is the forward voltage.
ηe
Im/W
Emitted Luminous Flux/Electrical Power
Red
—
12
—
Amber
—
13
—
Orange
—
13
—
Red Orange
—
13
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com