Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EG32-R1000 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HLMP-EG32-R1000
Description  T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-EG32-R1000 Datasheet(HTML) 1 Page - Broadcom Corporation.

  HLMP-EG32-R1000 Datasheet HTML 1Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 2Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 3Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 4Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 5Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 6Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 7Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 8Page - Broadcom Corporation. HLMP-EG32-R1000 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet
Broadcom
AV02-0373EN
March 12, 2018
Description
These Precision Optical Performance AlInGaP LEDs
provide superior light output for excellent readability in
sunlight and are extremely reliable. AlInGaP LED
technology provides extremely stable light output over long
periods of time. Precision Optical Performance lamps use
the aluminum indium gallium phosphide (AlInGaP)
technology.
These LED lamps are untinted, nondiffused, T-1¾ packages
incorporating second-generation optics producing well
defined spatial radiation patterns at specific viewing cone
angles.
These lamps are made with an advanced optical grade
epoxy, offering superior high temperature and high moisture
resistance performance in outdoor signal and sign
applications. The high maximum LED junction temperature
limit of +130 °C enables high temperature operation in bright
sunlight conditions. The package epoxy contains both uv-a
and uv-b inhibitors to reduce the effects of long-term
exposure to direct sunlight.
These lamps are available in two package options to give
the designer flexibility with device mounting.
Benefits
Viewing angles match traffic management sign
requirements
Colors meet automotive and pedestrian signal
specifications
Superior performance in outdoor environments
Suitable for autoinsertion onto PC boards
Features
Well-defined spatial radiation patterns
Viewing angles: 8°, 15°, 23°, 30°
High luminous output
Colors:
– 590 nm amber
– 605 nm orange
– 615 nm reddish-orange
–626 nm red
High operating temperature: TJLED = +130°C
Superior resistance to moisture
Package options:
– With or without lead stand-offs
Applications
Traffic management:
– Traffic signals
– Pedestrian signals
– Work zone warning lights
– Variable message signs
Commercial outdoor advertising:
–Signs
– Marquees
Automotive:
– Exterior and interior lights
HLMP-ELxx, HLMP-EHxx, HLMP-EJxx,
HLMP-EGxx
T-1¾ (5 mm) Precision Optical Performance
AlInGaP LED Lamps


Similar Part No. - HLMP-EG32-R1000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EG32-MQ000 HP-HLMP-EG32-MQ000 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG32-NR000 HP-HLMP-EG32-NR000 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG32-PS000 HP-HLMP-EG32-PS000 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG32-QT000 HP-HLMP-EG32-QT000 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
More results

Similar Description - HLMP-EG32-R1000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
Precision Optical Performance AlInGaP II LED Lamps
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com