Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EJ32-R1000 Datasheet(PDF) 12 Page - Broadcom Corporation.

Part # HLMP-EJ32-R1000
Description  T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-EJ32-R1000 Datasheet(HTML) 12 Page - Broadcom Corporation.

Back Button HLMP-EJ32-R1000 Datasheet HTML 8Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 9Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 10Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 11Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 12Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 13Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 14Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 15Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 16Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Broadcom
AV02-0373EN
12
HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
Figure 6: Representative Spatial Radiation Pattern for 8°
Viewing Angle Lamps
Figure 7: Representative Spatial Radiation Pattern for 15°
Viewing Angle Lamps
1
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
0.1
0.3
0.4
0.9
-60
-30
0
306090
-90
1
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
0.1
0.3
0.4
0.9
30
60
90
120
150
180
0
Figure 8: Representative Spatial Radiation Pattern for 23°
Viewing Angle Lamps
Figure 9: Representative Spatial Radiation Pattern for 30°
Viewing Angle Lamps
1
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
0.1
0.3
0.4
0.9
-50
0
50
100
-100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
Figure 10: Relative Light Output vs. Junction Temperature
0.1
JUNCTION TEMPERATURE – C
-50
10
1
-25
0
25
50
75
150
100
125
ORANGE
RED
RED-ORANGE
AMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com