Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EJ32-R1000 Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # HLMP-EJ32-R1000
Description  T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-EJ32-R1000 Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button HLMP-EJ32-R1000 Datasheet HTML 9Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 10Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 11Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 12Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 13Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 14Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 15Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 16Page - Broadcom Corporation. HLMP-EJ32-R1000 Datasheet HTML 17Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
Broadcom
AV02-0373EN
13
Precautions
Lead Forming
The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering on PC board.
For better control, use the proper tool to precisely form
and cut the leads to the applicable length rather than
doing it manually.
If manual lead cutting is necessary, cut the leads after
the soldering process. The solder connection forms a
mechanical ground that prevents mechanical stress
due to lead cutting from traveling into LED package.
Use this method for hand soldering operation, because
the excess lead length also acts as small heat sink.
Soldering and Handling
Take care during the PCB assembly and soldering
process to prevent damage to the LED component.
The LED component may be effectively hand soldered
to PCB; however, do this only under unavoidable
circumstances, such as rework. The closest manual
soldering distance of the soldering heat source
(soldering iron’s tip) to the body is 1.59 mm. Soldering
the LED using soldering iron tip closer than 1.59 mm
might damage the LED.
Properly apply ESD precautions on the soldering
station and personnel to prevent ESD damage to the
LED component that is ESD sensitive. Refer to
Broadcom® application note AN-1142 for details. The
soldering iron used should have a grounded tip to
ensure electrostatic charge is properly grounded.
Recommended soldering condition:
Set and maintain wave soldering parameters according
to the recommended temperature and dwell time.
Perform daily checks on the soldering profile to ensure
that it conforms to the recommended soldering
conditions.
NOTE:
1. PCBs with different sizes and designs
(component density) will have different heat
mass (heat capacity). This might cause a
change in temperature experienced by the
board if the same wave soldering setting is
used. Therefore, recalibrate the soldering
profile again before loading a new type of PCB.
2. Broadcom’s AllnGaP high-brightness LEDs
use a high-efficiency LED die with a single wire
bond as shown below. Take extra precautions
during wave soldering to ensure that the
maximum wave temperature does not exceed
250°C and the solder contact time does not
exceed 3s. Overstressing the LED during the
soldering process might cause premature
failure to the LED due to delamination.
Broadcom LED Configuration
Figure 11: LED Configuration
NOTE: Electrical connection between the bottom surface
of the LED die and the lead frame is achieved
through conductive paste.
Loosely fit any alignment fixture that is being applied
during wave soldering and do not apply weight or force
on the LED. Use nonmetal material because it absorbs
less heat during the wave soldering process.
At elevated temperatures, the LED is more susceptible
to mechanical stress. Therefore, allow the PCB to cool
down to room temperature prior to handling, which
includes removal of alignment fixture or pallet.
Wave
Solderinga,b
a. Above conditions refer to measurement with thermocouple
mounted at the bottom of PCB.
b. It is recommended to use only bottom preheaters in order to
reduce thermal stress experienced by LED.
Manual Solder
Dipping
Pre-heat temperature
105°C max.
—
Preheat time
60s max.
—
Peak temperature
250°C mMx.
260°C max.
Dwell time
3s max.
5s max.
1.59mm
CATHODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com