Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML012ECTT86 Datasheet(PDF) 1 Page - Rohm

Part # SML012ECTT86
Description  SML012x/013x Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML012ECTT86 Datasheet(HTML) 1 Page - Rohm

  SML012ECTT86 Datasheet HTML 1Page - Rohm SML012ECTT86 Datasheet HTML 2Page - Rohm SML012ECTT86 Datasheet HTML 3Page - Rohm SML012ECTT86 Datasheet HTML 4Page - Rohm SML012ECTT86 Datasheet HTML 5Page - Rohm SML012ECTT86 Datasheet HTML 6Page - Rohm SML012ECTT86 Datasheet HTML 7Page - Rohm SML012ECTT86 Datasheet HTML 8Page - Rohm SML012ECTT86 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SML012x/013x Series
    
Data Sheet
■Features
■Outline
• Reflector type (3.0×2.0mm, t=1.3mm)
• Reflector improved the concentration of viewing angle
and luminous intensity to the front direction
■Size
■Dimensions
■Recommended Solder Pattern
■Moisture sensitivity level(MSL) : Level 3
■Specifications
Typ.
IF
Max.
VR
Min. Typ. Max.
IF
Min. Typ.
IF
(V) (mA) (μA)
(V) (nm) (nm) (nm) (mA) (mcd) (mcd)
(mA)
-
525
-
140 360
-
470
-
90
250
InGaN
20
100*1
5
-30 ~ +85 -40 ~ +100
20
100
5
20
20
84
Operating Temp.
Storage Temp.
Forward Voltag VF Reverse Current IR
Green
SML012ENT
Current Current Voltage
PD(mW)
3.2
SML013BNT
Emitting
Color
VR(V)
Blue
78
*1 : 1/10,1kHz *2:Brightness for white color is noted with chromaticity coordinate(x,y).
Electrical and Optical Characteristics (Ta=25ºC)
Power Forward Peak Forward
IF(mA)
Absolute Maximum Ratings (Ta=25ºC)
IFP(mA)
Dominant Wavelength λ
D
/Chromaticity coordinate(x,y)
Luminous Intensity IV
Dissipation
Topr(ºC)
Tstg(ºC)
Reverse
Part No.
Chip Structure
Tolerance : ±0.2
(unit : mm)
(unit : mm)
3020 (1208)
3.0×2.0mm (t=1.3mm)
Color
Type
E
B
WB
3.0
2.3
1.6
1.3
0.5
0.3
2-R0.3
Electrode
+0.2
-0.1
Through Hole
Cathode Index
1.6
1.5
1.45
1.45
PCB Bonding Direction
________________________________________________________
www.rohm.co.jp
©2021 ROHM Co., Ltd. All rights reserved
1/9
2021.12 - Rev.005


Similar Part No. - SML012ECTT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML012ECT ROHM-SML012ECT Datasheet
349Kb / 3P
High Brightness Type Chip LEDs with reflector
SML012ECT ROHM-SML012ECT Datasheet
148Kb / 3P
SML-01 Series Reflector improved the concentration of viewing angle
SML012ECT ROHM-SML012ECT Datasheet
2Mb / 5P
Reflector type (3.0 x 2.0mm, t=1.3mm
SML012ECT ROHM-SML012ECT Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML012ECT ROHM-SML012ECT Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
More results

Similar Description - SML012ECTT86

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com