Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML012ECTT86 Datasheet(PDF) 5 Page - Rohm

Part # SML012ECTT86
Description  SML012x/013x Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML012ECTT86 Datasheet(HTML) 5 Page - Rohm

  SML012ECTT86 Datasheet HTML 1Page - Rohm SML012ECTT86 Datasheet HTML 2Page - Rohm SML012ECTT86 Datasheet HTML 3Page - Rohm SML012ECTT86 Datasheet HTML 4Page - Rohm SML012ECTT86 Datasheet HTML 5Page - Rohm SML012ECTT86 Datasheet HTML 6Page - Rohm SML012ECTT86 Datasheet HTML 7Page - Rohm SML012ECTT86 Datasheet HTML 8Page - Rohm SML012ECTT86 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
    
[Data Sheet]
■Taping(T86)
Unit:mm
Note)Tolerance is within ±0.2mm unless
otherwise specified.
■Part No. Construction
■Packing Specification
Complying with IPC/JEDEC J-STD-033.
[SML012x/013x series]
2.4
4
2
±0.1
±0.05
φ1.5 +0.1
0
Cathode index
Pull
direction
Packing
quantity
2,500pcs/reel
11.4 ±1
1.6
±0.1
Special Code will be applied for
Chromaticity rank
Rank sign
Emitting color WB/B/E series.
(for white LED)
(Brightness Rank)*
Series name
Package Type
Chip type
Emitting Color
Resin Color
Taping Specification
SML
P1
0
V
T
E1/EN
1
U
W
D1
2
U2
B
H1
3
D
M1
4
Y3
01
5
Y2
Z1/ZN
6
Y
A1
7
W
81/82
8
M2
K1
M
*Concerning the Brightness rank.
S1
F
*Please refer to the rank chart above for
P2
P
luminous intensity classification.
52
E
*Part name is individual for each rank.
P34
E2/E3
*When shipped as sample,the part name will
P36
B
be a representative part name.
VN
WB
General products are free of ranks.
T
Please contact sales if rank appointment
SCM
01
RGB
is needed.
Red/Green/Blue
Chip LED
3.0x1.5 t=2.2mm
1.0x1.0 t=0.2mm
Blue
1.5x1.0 t=0.2mm
White
3.5x2.8 t=0.6mm
Phototransistors
Blue Green
3.2x1.6 t=1.85mm
Green
1.0x1.0 t=0.2mm
Green
1.3x1.5 t=0.6mm
Green
1.6x1.15 t=0.55mm
3.4x1.25 t=1.1mm
4.5x2.0 t=0.6mm
Yellowish green
Black
2.0x1.25 t=0.8mm
Ultra High Brightness type
3.0x2.0 t=1.3mm
3.5x2.8 t=1.9mm
High Brightness type
Yellowish green
Red
Yellow
Yellow
Yellow
Yellow
Chip LED
1.0x0.6 t=0.2mm
1.6x0.8 t=0.36mm
1.6x0.8 t=0.55mm
Low Current Type
Red
Milky White
Orange
6
Standard Type
Red
2
E
N
T
T
V
8
For white LED,
cathode at sprocket hole side
1
Transparent Colorless
T86 Cathode at sprocket hole side(the top)
1
S
M
L
0
________________________________________________________
www.rohm.co.jp
©2021 ROHM Co., Ltd. All rights reserved
5/9
2021.12 - Rev.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com