Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20VLS10-R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 20VLS10-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X2, 400 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20VLS10-R Datasheet(HTML) 1 Page - Vishay Siliconix

  20VLS10-R Datasheet HTML 1Page - Vishay Siliconix 20VLS10-R Datasheet HTML 2Page - Vishay Siliconix 20VLS10-R Datasheet HTML 3Page - Vishay Siliconix 20VLS10-R Datasheet HTML 4Page - Vishay Siliconix 20VLS10-R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
20VL Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
1
Document Number: 23107
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EMI Suppression Capacitor, Ceramic Disc,
Class X2, 400 VAC
INSULATION RESISTANCE
Min. 1000
F
TOLERANCE ON CAPACITANCE
± 20 %
DISSIPATION FACTOR
2.0 % max. at 1 kHz; 1 V
CERAMIC DIELECTRIC
Y5V, Z5U
CATEGORY TEMPERATURE RANGE
-25 °C to +125 °C
CLIMATIC CATEGORY ACC. TO EN 60068-1
25 / 125 / 21
OPERATING TEMPERATURE RANGE
-30 °C to +125 °C (1)
Note
(1) For explanation about the difference of operating temperature
range and temperature characteristic of capacitance, please see
www.vishay.com/doc?48299
FEATURES
• Complying with IEC 60384-14
• High reliability
• Radial leads
• Singlelayer AC disc safety capacitors
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• X2 according to IEC 60384-14
• Line-to-line filtering (Class X)
• EMI / RFI suppression and filtering
DESIGN
The capacitors consist of a ceramic disc of which both sides
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.025" (0.64 mm). The
capacitors may be supplied with radial kinked or straight
leads having a lead spacing of 0.375" (9.5 mm) or 0.250"
(6.4 mm). The standard tolerance is ± 20 %. Coating is
made of flame retardant epoxy resin in accordance
with “UL 94 V-0.”
CAPACITANCE RANGE
9 nF to 0.1 μF
RATED VOLTAGE
IEC 60384-14:
X2: 400 VAC, 50 Hz
DIELECTRIC STRENGTH BETWEEN LEADS
Component test, 100 % test at production line:
1250 VAC, 50 Hz, 2 s
As repeated test at customer side admissible only once with:
1080 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
1250 VAC, 50 Hz, 60 s
DIELECTRIC STRENGTH OF BODY INSULATION
2300 VAC, 50 Hz, 60 s (destructive test)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
2
Ceramic Dielectric
Y5V
Z5U
Voltage (VAC)
400
400
Min. Capacitance (pF)
9000
10 000
Max. Capacitance (pF)
100 000
10 000
Mounting
Radial


Similar Part No. - 20VLS10-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20VLS10 VISHAY-20VLS10 Datasheet
129Kb / 3P
AC Line Rated Disc Capacitors
14-May-02
More results

Similar Description - 20VLS10-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VKO472MCQCF0KR VISHAY-VKO472MCQCF0KR Datasheet
147Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY1 VISHAY-VY1_V01 Datasheet
207Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
16-Sep-2021
VY2 VISHAY-VY2_V01 Datasheet
173Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
WKO VISHAY-WKO_V01 Datasheet
147Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
WYO VISHAY-WYO_V01 Datasheet
166Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
28-Jan-2022
125L VISHAY-125L_V01 Datasheet
171Kb / 7P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y4, 125 VAC
23-Jul-2021
25Y VISHAY-25Y Datasheet
169Kb / 7P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC INSULATION RESISTANCE
23-Jul-2021
30LV VISHAY-30LV Datasheet
169Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
30-Sep-2021
440L VISHAY-440L_V01 Datasheet
207Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
29-Oct-2021
VY2 VISHAY-VY2 Datasheet
172Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com