Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25YD15-R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 25YD15-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC INSULATION RESISTANCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25YD15-R Datasheet(HTML) 1 Page - Vishay Siliconix

  25YD15-R Datasheet HTML 1Page - Vishay Siliconix 25YD15-R Datasheet HTML 2Page - Vishay Siliconix 25YD15-R Datasheet HTML 3Page - Vishay Siliconix 25YD15-R Datasheet HTML 4Page - Vishay Siliconix 25YD15-R Datasheet HTML 5Page - Vishay Siliconix 25YD15-R Datasheet HTML 6Page - Vishay Siliconix 25YD15-R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
25Y Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
1
Document Number: 23105
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EMI Suppression Capacitor, Ceramic Disc,
Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC
INSULATION RESISTANCE
Min. 1000
F
TOLERANCE ON CAPACITANCE
± 20 %
DISSIPATION FACTOR
2.0 % max. at 1 kHz; 1 V
CERAMIC DIELECTRIC
Y5S (Class 2)
CLIMATIC CATEGORY ACC. TO EN 60068-1
25/125/21
OPERATING TEMPERATURE RANGE
-30 °C to +125 °C (1)
Note
(1) For explanation about the difference of operating temperature
range and temperature characteristic of capacitance, please see
www.vishay.com/doc?48299
FEATURES
• Complying with IEC 60384-14
• High reliability
• Complete range of capacitance values
• Radial leads
• Singlelayer AC disc safety capacitors
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• X1 / Y2 according to IEC 60384-14
• Line-to-line filtering (Class X)
• Line-to-ground filtering (Class Y)
• Primary and secondary coupling (SMPS)
• EMI / RFI suppression and filtering
DESIGN
The capacitors consist of a ceramic disc of which both sides
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.032" (0.81 mm) or 0.025"
(0.64 mm). The capacitors may be supplied with radial
kinked or straight leads having a lead spacing of 0.375"
(9.5 mm) or 0.250" (6.4 mm). The standard tolerance is
± 20 %. Coating is made of flame retardant epoxy resin in
accordance with “UL 94 V-0.”
CAPACITANCE RANGE
1.0 nF to 8.0 nF
RATED VOLTAGE
IEC 60384-14:
• X1:
400 VAC, 50 Hz
• Y2:
300 VAC, 50 Hz (LS  5.5 mm)
• Y2:
250 VAC, 50 Hz (LS < 5.5 mm)
DIELECTRIC STRENGTH BETWEEN LEADS
Component test, 100 % test at product line:
2500 VAC, 50 Hz, 2 s
As repeated test at customer side admissible only once with:
2250 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
2500 VAC, 50 Hz, 60 s
DIELECTRIC STRENGTH OF BODY INSULATION
2300 VAC, 50 Hz, 60 s (destructive test)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
2
Ceramic Dielectric
Y5S
Voltage (VAC)
250
300
400
Min. Capacitance (pF)
1000
Max. Capacitance (pF)
8000
Mounting
Radial


Similar Part No. - 25YD15-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25YD15 VISHAY-25YD15 Datasheet
129Kb / 3P
AC Line Rated Disc Capacitors
14-May-02
More results

Similar Description - 25YD15-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
VKO472MCQCF0KR VISHAY-VKO472MCQCF0KR Datasheet
147Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY1 VISHAY-VY1_V01 Datasheet
207Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
16-Sep-2021
VY2 VISHAY-VY2_V01 Datasheet
173Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
WKO VISHAY-WKO_V01 Datasheet
147Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
WYO VISHAY-WYO_V01 Datasheet
166Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
28-Jan-2022
125L VISHAY-125L_V01 Datasheet
171Kb / 7P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y4, 125 VAC
23-Jul-2021
30LV VISHAY-30LV Datasheet
169Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
30-Sep-2021
440L VISHAY-440L_V01 Datasheet
207Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
29-Oct-2021
VY2 VISHAY-VY2 Datasheet
172Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com