Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAS60 Datasheet(PDF) 1 Page - Astec America, Inc

Part # DAS60
Description  60 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

DAS60 Datasheet(HTML) 1 Page - Astec America, Inc

  DAS60 Datasheet HTML 1Page - Astec America, Inc DAS60 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 08.09.03
Technical Support: (888) 41ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
190
Special Features
60 Watts
DAS60
Electrical Specs
• CE Mark EMC & LVD
• Universal AC input
• Fully regulated output
• Overload and short circuit protection
• Thermal protection
•
Blue Angel compliance
• Constant voltage
• High efficiency
• High MTBF
• IEC320 AC receptacle, 3 pin (type C14)
• Built in EMI filter (CISPR 22 Class B)
• LED power good indicator
Input
Input range
90 - 264 VAC (wide range)
Frequency
47 - 63 Hz
Inrush current
50A @ 230 VAC, cold start @ 25C
Input current
1.5A rms @ 90 VAC; 0.5A @ 264VAC
Efficiency
>80% @ full load typical, @115VAC
EMI/RFI
FCC Part 15, Subpart B Class B & EN55022
(CISPR 22) Class B
Safety ground
leakage current
300µA max. @ 50/60 Hz, 230 VAC input
Output
Voltage (Vo)
48V
Voltage regulation
± 2% @ constant voltage mode
Maximum Power (Po)
60W
Hold-up time
20 ms. typical at full load @ 115VAC
Overvoltage protection
25% above nominal output maximum.
Latching type, recycle AC to reset.
Overload protection
Output short circuit protection auto recover.
Overload protected @ 150% above maximum
rating.
Overtemperature
protection
Auto recovery
Cable/connector
DC cable with 2.5 mm center plug
barrel type
DC plug center +v
DC plug outer -v
Operating temperature: -5°C to +50°C ambient
Storage temperature: -40°C to +70°C
Electromagnetic susceptability; design to meet
EN61000-4,-2,-4,-5,-6,-11, level 3
Humidity: Operating; non-condensing; 10% to
90% RH
Vibration: Three orthogonal axes, sweep at 1
oct/min. 5 min. dwell at four major resonances 2G
peak 8 Hz to 500 Hz, operational
MTBF demonstrated: >550,000 hours at full load
and 25°C ambient conditions
UL
60950
CUL
60950
NEMKO
60950
TUV
60950
CB
Certificate and report
CE
EMC & LVD
Environmental
Safety
Total Power:
60 Watts
Input Voltage:
90-264 VAC
# of Outputs:
Single


Similar Part No. - DAS60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DAS6001HA1B-B MICROCHIP-DAS6001HA1B-B Datasheet
429Kb / 26P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DAS6001HA1B-T MICROCHIP-DAS6001HA1B-T Datasheet
429Kb / 26P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DAS6001HA2B-B MICROCHIP-DAS6001HA2B-B Datasheet
429Kb / 26P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DAS6001HA2B-T MICROCHIP-DAS6001HA2B-T Datasheet
429Kb / 26P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DAS6001HA3B-B MICROCHIP-DAS6001HA3B-B Datasheet
429Kb / 26P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
More results

Similar Description - DAS60

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
60 Watts
APA18 ASTEC-APA18 Datasheet
202Kb / 2P
60 Watts
APC18 ASTEC-APC18 Datasheet
749Kb / 2P
60 Watts
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
60 Watts
LPS50 ASTEC-LPS50 Datasheet
595Kb / 2P
60 Watts
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
60 Watts
logo
Emerson Network Power
NPS62-M EMERSON-NETWORKPOWER-NPS62-M Datasheet
388Kb / 3P
60 Watts
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
60 Watts
60-50TPR ANAREN-60-50TPR Datasheet
227Kb / 2P
60 Watts
60-50TP-S ANAREN-60-50TP-S Datasheet
284Kb / 2P
60 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com