Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7FA00S0-R0 Datasheet(PDF) 37 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7FA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7FA00S0-R0 Datasheet(HTML) 37 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7FA00S0-R0 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
(in mm)
1.8
2.0
1.8
c Standard Land Pattern Dimensions
R1
S.S.G.
RF
Voltmeter
(1)
(3)
(4)
(2)
R1+Rg=R2=1.0k
Ω
Cc=22pF±5%
C2=10pF (Including stray capacitance and
Input capacitance of RF Voltmeter)
E1 : S.S.G. Output Voltage
(1) : Input
(2) : Output
(3) : Ground
(4) : Terminal for external capacitor
c Test Circuit
SFSKB2M30GF00-R1/SFSKB3MZ0GF00-R1
R1
S.S.G.
RF
Voltmeter
(1)
(3)
(4)
(2)
R1+Rg=R2=1.0k
Ω
Cc=39pF±5%
C2=10pF (Including stray capacitance and
Input capacitance of RF Voltmeter)
E1 : S.S.G. Output Voltage
(1) : Input
(2) : Output
(3) : Ground
(4) : Terminal for external capacitor
SFSKB2M80GF00-R1/SFSKB3M20FF00-R1
R1
S.S.G.
RF
Voltmeter
(1)
(3)
(4)
(2)
R1+Rg=R2=1.0k
Ω
Cc=33pF±5%
C2=10pF (Including stray capacitance and
Input capacitance of RF Voltmeter)
E1 : S.S.G. Output Voltage
(1) : Input
(2) : Output
(3) : Ground
(4) : Terminal for external capacitor
SFSKB4M30GF00-R1/SFSKB5M70GF00-R1
R1
S.S.G.
RF
Voltmeter
(1)
(3)
(4)
(2)
R1+Rg=R2=1.0k
Ω
Cc=15pF±5%
C2=10pF (Including stray capacitance and
Input capacitance of RF Voltmeter)
E1 : S.S.G. Output Voltage
(1) : Input
(2) : Output
(3) : Ground
(4) : Terminal for external capacitor
SFSKB4M80GF00-R1
R1
S.S.G.
RF
Voltmeter
(1)
(3)
(4)
(2)
R1+Rg=R2=1.0k
Ω
Cc=27pF±5%
C2=10pF (Including stray capacitance and
Input capacitance of RF Voltmeter)
E1 : S.S.G. Output Voltage
(1) : Input
(2) : Output
(3) : Ground
(4) : Terminal for external capacitor
SFSKB5M20GF00-R1
35
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com