Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7FA00S0-R0 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7FA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7FA00S0-R0 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd

  SFECF10M7FA00S0-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd SFECF10M7FA00S0-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
CERAFIL
r
u
-R1
e
KA
w
S
r
4M50
y
00
t
CF
q
SF
(Part Number)
qProduct ID
wOscillation/Numbers of Element
SF
Ceramic Filters
Product ID
tProduct Specification Code (1)
BF
CF
DF
EF
Code
Product Specification Code (1)
With non-standard products, two-digit alphanumerics indicating
"Individual Specification" is added between "
yProduct Specification
Code (2)" and "
uPackaging."
eStructure/Size
Bulk
Embossed Taping ø=330mm
Tight Bandwidth Type
Standard Bandwidth Type
Broad Bandwidth Type
Ultra-broad Bandwidth Type
yProduct Specification Code (2)
00
Code
Product Specification Code (2)
Standard Type
uPackaging
-B0
-R1
Code
Packaging
2 Elements Thickness Shear mode
S
Code
Oscillation/Numbers of Element
Chip Type
K
p
Code
Structure/Size
p is "A" or subsequent code, which indicates the structure/size.
rNominal Center Frequency
Expressed by four-digit alphanumerics. The unit is in hertz (Hz).
Decimal point is expressed by capital letter "M" in case of MHz.
(Part Number)
qProduct ID
wOscillation/Numbers of Element
CERAFIL
r for AM
SF
CF
Ceramic Filters
Ceramic Filters
Three-digit alphanumerics indicate product
specification of 3dB or 6dB frequency tolerance.
Product ID
tProduct Specification
D4A
Code
Product Specification
ppA indicates standard type.
p is "A" or subsequent code, which indicates the structure/size. It
varies depending on vibration mode and number of elements.
eStructure/Size
Bulk
Embossed Taping (ø180mm)
Embossed Taping (ø330mm)
Magazine Cassette
yPackaging
-B0
-R0
-R1
-M0
Code
Packaging
Radial taping is applied to lead type and embossed taping to chip type.
With non-standard products, three-digit alphanumerics indicating
"Individual Specification" is added between "
tProduct Specification"
and "
yPackaging."
4 Elements Area Expansion mode
P
Code
Oscillation/Numbers of Element
Lead Type
Chip Type
L
p
C
p/Kp
Code
Structure/Size
y
-B0
e
KA
w
P
r
455K
t
D4A
q
SF
rNominal Center Frequency
Expressed by four-digit alphanumerics. The unit is in hertz (Hz).
Capital letter "K" following three figures expresses the unit of
"kHz."
CERAFIL
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com