Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D8M-R1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D8M-R1
Description  Solid State Pressure Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D8M-R1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  D8M-R1 Datasheet HTML 1Page - Omron Electronics LLC D8M-R1 Datasheet HTML 2Page - Omron Electronics LLC D8M-R1 Datasheet HTML 3Page - Omron Electronics LLC D8M-R1 Datasheet HTML 4Page - Omron Electronics LLC D8M-R1 Datasheet HTML 5Page - Omron Electronics LLC D8M-R1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Solid State Pressure Sensors
D8M
Specifications
■ Electrical Ratings
Note: 1. Output voltage (mV) = Supply voltage V (2.2) x (2.464 x Pressure (kPa)/9.8 x 1000 + 15)
2. Values measured during and after testing.
■ Operating Characteristics
Note: With no icing or condensation
Item
D8M-A1
D8M-D1
D8M-D2
D8M-D82
D8M-R1
Power supply voltage
2.2
±0.1 VDC
2.2 to 3.4 VDC with
regulator
2.2 to 3.4 VDC with
regulator
2.2 to 3.4 VDC with
regulator
4.2 to 5.5 VDC with
regulator
Current consumption
2.5 mA max.
25 mA max.
25 µA
100 mA
±5% at 3 VDC 10 mA max.
Load resistance
1 M
Ω min.
--
--
--
--
Output resistance
500
Ω max.
--
--
--
--
Leakage current
1 mA or less
1 mA or less
1 mA or less
1 mA or less
1 mA or less
Output voltage
15 to 1247 mV
--
--
--
--
Output pulses
--
--
--
--
80 to 300 kHz
Output resolution
(Note 1)
1 pulse/9.81 Pa
1 pulse/9.81 Pa
1 pulse/9.81 Pa
1 kHz/9.81 Pa
Output voltage rate of
change with resistance
load change
1 M
Ω or more into 30
k
Ω is made within
2.5%
--
--
--
--
Output voltage by input
pressure
0.98 kPa = 261 mV
1.96 kPa = 508 mV
3.73 kPa = 951 mV
4.9 kPa = 1247 mV
(Note 1)
--
--
--
--
Operating characteristics
±62 mV initial
--
--
--
--
±37 mV during test
and after
0 kPa = 30 pulses
0.59 kPa = 60
±32
pulses
1.96 kPa = 200
±24
pulses
3.73 kPa = 380
±24
pulses
5.39 kPa = 530
±82
pulses
(Note 2)
0 kPa = 30 pulses
0.59 kPa = 60
±32
pulses
1.96 kPa = 200
±24
pulses
3.73 kPa = 380
±24
pulses
5.39 kPa = 550
±82
pulses
(Note 2)
0 kPa = 30 pulses
0.15 kPa = 45
±30
pulses
2 kPa = 204
±15
pulses
4 kPa = 438
±46
pulses
0 Pa =
180
±100 kHz;
Incremental change
from 0 value:
49.03 Pa =
5
±0.9 kHz
73.55 Pa =
7.5
±1.0 kHz
147.10 Pa =
15
±0.8 kHz
196.13 Pa =
20
±1.4 kHz
(Note 2)
±62 mV temperature
influence
--
--
--
--
Item
D8M-A1
D8M-D1
D8M-D2
D8M-D82
D8M-R1
Pressure type
Gauge
Pressure range
0 to 4.9 kPa
(0 to 0.71 psi)
0 to 5.88 kPa
(0 to 0.85 psi)
0 to 5.88 kPa
(0 to 0.85 psi)
0 to 4.9 kPa
(0 to 0.71 psi)
0 to 196.13 Pa
(0 to 0.028 psi)
Withstand pressure
5.88 kPa for 3
minutes
58.8 kPa for 3
minutes
58.8 kPa for 3
minutes
19.6 kPa for 5
minutes
3 kPa for 10
seconds
Repeatability/hystersis
±0.5% FS
±0.5% FS
NA
±0.5% FS
±0.5% FS
Non-linearity
characteristics
--
--
--
±2% FS max.
±2% FS max.
Response time
3.0 ms
2.5 ms (pressure)
18 ms max. (switch)
100 ms (discharge)
3 ms (pressure)
32 ms max. (switch)
250 ms (discharge)
1.5 ms (pressure)
30 ms max. (switch)
45 ms (discharge)
3 seconds max.
Operating temperature
(Note)
-30
° to 70°C
-30
° to 70°C
-30
° to 70°C
-10
° to 60°C
-20
° to 70°C
Storage temperature
(Note)
-40
° to 80°C
-40
° to 80°C
-40
° to 80°C
-20
° to 70°C
-30
° to 80°C
Operating humidity
25 to 95%
25 to 95%
25 to 95%
25 to 95%
25 to 95%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com