Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D8M-R1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D8M-R1
Description  Solid State Pressure Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D8M-R1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  D8M-R1 Datasheet HTML 1Page - Omron Electronics LLC D8M-R1 Datasheet HTML 2Page - Omron Electronics LLC D8M-R1 Datasheet HTML 3Page - Omron Electronics LLC D8M-R1 Datasheet HTML 4Page - Omron Electronics LLC D8M-R1 Datasheet HTML 5Page - Omron Electronics LLC D8M-R1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Solid State Pressure Sensors
D8M
3
■ Environmental Characteristics
Operation
■ Response Timing Charts
D8M-D1, D2, D82
Legend: T1, Pressure measurement time
T2, Response time
T3, Electrical discharge time
D8M-R1
■ Interface Circuit Diagram
D8M-R1
Application Examples
Compact D8M solid state pressure sensors provide reliable detection
for gas and air inflow for burner controls in water heaters, furnaces
and other gas-fired devices. They can also be used in
gas usage meters.
Item
D8M-A1
D8M-D1
D8M-D2
D8M-D82
D8M-R1
Insulation resistance
100 m
Ω min., 250 VDC between lead terminals and the base
Dielectric strength
250 VAC, 50/60 Hz for 1 minute between lead terminals and the base
500 VAC, 50/60 Hz for
1 minute between ter-
minals and the base
Degree of protection
NA
IP40
IP40
IP40
IP40
Pressure port
4 mm OD
3 mm OD
3 mm OD
6 mm OD
4 mm OD
Connection method
Solder on PC boards
Wiring connector on
top
Wiring connector on
top
Three AWG26 wires,
115 mm long
Wiring connector on
bottom
Weight
NA
NA
NA
NA
NA
Material
PBT (polybutylene terephthalate)
Model
T1T2T3
D8M-D1
2.5 ms min.
18 ms max.
100 ms min.
D8M-D2
3.0 ms min.
32 ms max.
250 ms min.
D8M-D82
1.5 ms min.
30 ms max.
45 ms max.
Response time to 90% of 0.2kPa
Max. 3 seconds (excluding time for pressure change)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com