Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3PC Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3PC
Description  Solid State Relays with Failure Detection Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PC Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3PC Datasheet HTML 1Page - Omron Electronics LLC G3PC Datasheet HTML 2Page - Omron Electronics LLC G3PC Datasheet HTML 3Page - Omron Electronics LLC G3PC Datasheet HTML 4Page - Omron Electronics LLC G3PC Datasheet HTML 5Page - Omron Electronics LLC G3PC Datasheet HTML 6Page - Omron Electronics LLC G3PC Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
G3PC
2
Specifications
■ Ratings (at an Ambient Temperature of 25°C)
Detection Power Supply
Operating Circuit
Main Circuit
Alarm Output
■ Characteristics
Engineering Data
Rated power supply voltage
100 to 240 VAC (50/60 Hz)
Operating voltage range
75 to 264 VAC (50/60 Hz)
Current consumption
15 mA AC max. (at 200 VAC)
Input method
Voltage input
Rated input voltage
12 to 24 VDC
Operating input voltage
range
9.6 to 30 VDC
Must operate voltage
9.6 VDC max.
Must release voltage
1 VDC min.
Input current
7 mA DC max. (at rated input voltage)
Rated load voltage
100 to 240 VAC (50/60 Hz)
Operating voltage range
75 to 264 VDC (50/60 Hz)
Applicable load current
20 A (Ta = 40)
Minimum load current
0.1 A
Inrush current resistance (peak value)
220 A (60 Hz, 1 cycle)
Permissible (I2t)
260 A2s
Applicable load
(with Class-1 AC resistive load)
4 kW (at 200 VAC)
Output OFF collector voltage
30 VDC max.
Maximum carry current
0.1 A
Output form
Independent NPN open collector
Operate time
1/2 of load power source cycle + 1 ms max.
Release time
1/2 of load power source cycle + 1 ms max.
Main circuit
Output ON voltage drop
1.6 V rms max.
OFF leakage current
10 mA max. (at 200 VAC)
Alarm output
Output ON voltage drop
1.5 V max.
OFF leakage current
0.1 mA max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 55 to10 Hz, 0.35-mm single amplitude
Shock resistance
Destruction: 294 m/s2
Ambient temperature
Operating:
−20 to 60°C (with no icing or condensation)
Storage:
−30 to 70°C (with no icing or condensation)
Ambient humidity
45% to 85%
Weight
Approx. 300 g
Certified standards
UL508, CSA22.2 No. 14, EN60947-4-3 (IEC947-4-3); Certified by VDE
EMC
Emission: EN55011 Group 1 Class B
Immunity: EN61000-6-2
250
200
150
100
50
0
10
30 50
100
300 500 1,000 3,000 5,000
Energized time (ms)
0
2
4
6
8
10
25
20
15
10
5
0
10
20
30
40
-20
020
40
60
80
100
The figure will be less than 1/2 the rated
value for repetitive input.
One Cycle Surge Current:
Non-repetitive
Load Current vs.
Ambient Temperature
Input Voltage vs. Input
Current
Input Voltage vs. Input
Impedance
Ta = +25
°C
Input impedance
Input current
Ambient temperature (°C)
Input voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com