Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3PC Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G3PC
Description  Solid State Relays with Failure Detection Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PC Datasheet(HTML) 5 Page - Omron Electronics LLC

  G3PC Datasheet HTML 1Page - Omron Electronics LLC G3PC Datasheet HTML 2Page - Omron Electronics LLC G3PC Datasheet HTML 3Page - Omron Electronics LLC G3PC Datasheet HTML 4Page - Omron Electronics LLC G3PC Datasheet HTML 5Page - Omron Electronics LLC G3PC Datasheet HTML 6Page - Omron Electronics LLC G3PC Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
G3PC
5
Installation
■ External Specifications
Terminal Arrangement
Indicators
Note: The same indicator is used as both the power supply indicator
and the alarm indicator.
Appearance
■ Connection Example
Note: 1. If the detection power supply terminal (terminal 3) is not connected, failure detection is not performed and so be sure to connect this
terminal.
2. If the load is connected to terminal 1/L1, failure detection may not operate correctly and so connect the load to terminal 2/T1.
3. With inductive loads (relay coil, etc.), connect back-current prevention diodes to both sides of the load.
Terminal name
Terminal number
Screw size
Main circuit terminals
(output)
1/L1, 2/T1
M4
Detection power sup-
ply terminal (input)
3
Operating circuit ter-
minals (input)
A1, A2
M3.5
Alarm output termi-
nals (output)
X1, X2
Name
Symbol
Color
Meaning
Status indicators
RDY
Green
SSR normal
ALM
Red
SSR failure detection
and circuit
disconnection
detection
Input indicator
INPUT
Yellow
Operating
3
1/L1
A1(IN
+)
A2(IN
−)
X1(ALM
+)
X2(ALM
−)
2/T1
RDY/ALM
INPUT
1
3
2
X1
X2
(See note 1.)
(See note 2.)
Voltage output for Temperature
Controller, sequencer
12 to 24
VDC
30 VDC
min.
Input for Temperature
Controller, sequencer
Heater
L1
AC
IN
ALM
T1
A1
A2
Display Labels



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com