Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1665 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL1665
Description  HIGH PERFORMANCE DIMMABLE LED CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1665 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL1665 Datasheet HTML 9Page - Diodes Incorporated AL1665 Datasheet HTML 10Page - Diodes Incorporated AL1665 Datasheet HTML 11Page - Diodes Incorporated AL1665 Datasheet HTML 12Page - Diodes Incorporated AL1665 Datasheet HTML 13Page - Diodes Incorporated AL1665 Datasheet HTML 14Page - Diodes Incorporated AL1665 Datasheet HTML 15Page - Diodes Incorporated AL1665 Datasheet HTML 16Page - Diodes Incorporated AL1665 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AL1665
Document number: DS41772 Rev. 3 - 2
13 of 17
www.diodes.com
March 2020
© Diodes Incorporated
AL1665
0
20
40
60
80
100
0
20
40
60
80
100
PWM Duty (%)
PWM Frequency=1kHz
Application Information (continued)
2. PWM Dimming Mode
In PWM dimming mode, the dimming signal is added to NTC/PWM pin. Figure 8 shows the setting circuit. The output current is chopped by the
dimming signal directly. The logic high level of the dimming signal must be higher than 1V while the logic low level is lower than 0.5V. The switch
turns off at logic low level. Figure 9 shows the dimming curve. The dimming range can be 100% to 0.5% with 1KHz frequency of PWM signal.
NTC
/PWM
AL1665
PWM Dimming Signal
Figure 8. PWM Dimming Setting Circuit
Figure 9. PWM Dimming Curve
Operation Parameters Design
1. Setting the Current Sense Resistor RCS
The current sense resistance is calculated using the following equation:
_
2
PS
REF
CS
O MEAN
NV
R
I
Where:
IO_MEAN is the mean output current
RCS is the current sense resister, which is shown as Figure 1
VREF is the internal reference voltage that is equal to 0.4V
NPS is the turns’ ratio of flyback transformer (NPS=1 for buck-boost)
2. Setting Transformer Selection (T1)
NPS is limited by the electrical stress of the switch MOSFET and can be calculated with the following formula:
_(
)
_
_
90%
2
MOS
BR DS
IN
MAX
S
PS
O
D F
V
V
V
N
VV
 
Where:
VMOS_(BR)DS is the breakdown voltage of the switch MOSFET
VIN_MAX is the max rated input voltage
∆VS is the overshoot voltage clamped by RCD snobbier during OFF time
VO is the output voltage
VD_F is the forward voltage of secondary diode
NPS is the turns’ ratio of flyback transformer (NPS=1 for buck-boost)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com