Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ252-C Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPQ252-C
Description  250 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPQ252-C Datasheet(HTML) 1 Page - Astec America, Inc

  LPQ252-C Datasheet HTML 1Page - Astec America, Inc LPQ252-C Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
124
Special Features
Electrical Specs
250 Watts
LPQ250 Series
Input
Input range
85-264 VAC; 120-300 VDC
Frequency
47-440 Hz
Inrush current
20 A max., cold start @ 25°C
Efficiency
75% typical at full load
EMI filter
FCC Class B conducted and radiated
CISPR 22 Class B conducted and radiated
EN55022 Class B conducted and
radiated
VDE 0878 PT3 Class B conducted and
radiated.
Power factor
0.99 typical
Safety ground leakage
current
<0.5 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
With cover: 250 W with 30 CFM forced
air,
(-C) (-CF) (-CEF).
Adjustment range
±5% min. on main: 5-25 V on 4th output
Supervisory outputs
5 V @ 100 mA regulated, 12 V @ 500
mA
Hold-up time
16 ms @ 250 W load, 115 VAC nominal
line
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 110-145%
above peak rating
Overvoltage protection
5 V output: 5.7-6.7 VDC.
Logic Control
Power failure
TTL logic signal goes high 50-150 msec
after 5V output. It goes low at least 4
msec before loss of regulation
Remote on/off
Requires an external contact (N.O or
N.C) to inhibit outputs
DC-OK
TTL logic goes high 50-150 msec after 5
V output. It goes low when there is loss
of regulation.
Remote sense
Compensates for 0.5 V lead drop min.
Will operate without remote sense
connected. Reverse connection
protected.
• Active power factor correction
• IEC EN61000-3-2 compliance
• Remote sense on main output
• Power fail and remote inhibit
• Single wire current sharing
• Built-in EMI filter
• Adjustable floating 4th output
• 2 Supervisory outputs 5 V and 12 V
• Overvoltage protection
• Overload protection
• Thermal overload protection
• DC power good
•Cover -C
• 120 KHz switching frequency
• Optional with fan cover -CF
• Optional end fan cover -CEF
Operating temperature: 0° to 50°C ambient
derate each output at 2.5% per degree from
50° to 70°C
Electromagnetic susceptibility: Designed to
meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity: Operating; non-condensing
5% to 95%
Vibration: Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major
resonances 0.7 G peak 5 Hz to 500 Hz,
operational
Storage temperature: -40° to 85°C
Temperature coefficient: ±.04% per °C
MTBF demonstrated: >550,000 hours at full
load and 25°C ambient conditions
VDE
0805/EN60950 (IEC950)
11774-3336-1262
UL
UL1950
E132002
CSA
CSA 22.2-234 Level 5
LR53982C
NEMKO EN 60950/EMKO-TUE
P95103550
(74-sec) 203
CB
Certificate and report
2186
CE
Mark (LVD)
Environmental
Total Power:
250 Watts
Input Voltage: 85-264 VAC
120-300 VDC
# of Outputs:
Quad
Safety
rev 12.14.03


Similar Part No. - LPQ252-C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ252-C EMERSON-NETWORKPOWER-LPQ252-C Datasheet
404Kb / 3P
Active power factor correction
logo
Artesyn Technologies
LPQ252-C ARTESYN-LPQ252-C Datasheet
704Kb / 4P
Total Power: 250 Watts
More results

Similar Description - LPQ252-C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIH50Y300 ASTEC-AIH50Y300 Datasheet
115Kb / 2P
250 Watts
HMFLEX ASTEC-HMFLEX Datasheet
490Kb / 2P
250-2600 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
250 Watts
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
250 Watts
logo
Artesyn Technologies
AIH50Y300 ARTESYN-AIH50Y300 Datasheet
485Kb / 2P
Total Power: 250 Watts
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
Total Power: 250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
250 Watts
250-XXXRM-S ANAREN-250-XXXRM-S Datasheet
180Kb / 2P
250 Watts
logo
Artesyn Technologies
LPQ253-CEF ARTESYN-LPQ253-CEF Datasheet
704Kb / 4P
250 Watts
LPS255-CEF ARTESYN-LPS255-CEF Datasheet
492Kb / 3P
250 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com