Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM20HS Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ZMM20HS
Description  ZMM…HS Series Silicon Epitaxial Planar Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMM20HS Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ZMM20HS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMM20HS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZMM20HS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ZMM20HS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 18/07/2009
®
SEMTECH ELECTRONICS LTD.
Subsidiary of Sino-Tech International (BVI) Limited
ZMM…HS Series
Silicon Epitaxial Planar Zener Diodes
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Tstg
- 55 to + 175
O
C
1) Valid provided that electrodes are kept at ambient temperature
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
0.3
1)
K/mW
Forward Voltage
at IF = 100 mA
VF
1
V
1) Valid provided that electrodes are kept at ambient temperature
Characteristics at Ta = 25 OC
Type
Zener Voltage
1)
Dynamic Resistance
Reverse Leakage Current
VZ
at lZT
ZZT
at lZT
IR
at VR
Min. (V)
Max. (V)
(mA)
Max. (Ω)
(mA)
Max. (µA)
(V)
ZMM2V0HS
1.88
2.2
5
100
5
120
0.5
ZMM2V0HSA
1.88
2.1
5
100
5
120
0.5
ZMM2V0HSB
2.02
2.2
5
100
5
120
0.5
ZMM2V2HS
2.12
2.41
5
100
5
120
0.7
ZMM2V2HSA
2.12
2.3
5
100
5
120
0.7
ZMM2V2HSB
2.22
2.41
5
100
5
120
0.7
ZMM2V4HS
2.33
2.63
5
100
5
120
1
ZMM2V4HSA
2.33
2.52
5
100
5
120
1
ZMM2V4HSB
2.43
2.63
5
100
5
120
1
ZMM2V7HS
2.54
2.91
5
110
5
100
1
ZMM2V7HSA
2.54
2.75
5
110
5
100
1
ZMM2V7HSB
2.69
2.91
5
110
5
100
1
ZMM3V0HS
2.85
3.22
5
120
5
50
1
ZMM3V0HSA
2.85
3.07
5
120
5
50
1
ZMM3V0HSB
3.01
3.22
5
120
5
50
1
LL-34


Similar Part No. - ZMM20HS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ZMM20HC SEMTECH_ELEC-ZMM20HC Datasheet
205Kb / 4P
SILICON PLANAR ZENER DIODES
ZMM20HCA SEMTECH_ELEC-ZMM20HCA Datasheet
205Kb / 4P
SILICON PLANAR ZENER DIODES
ZMM20HCB SEMTECH_ELEC-ZMM20HCB Datasheet
205Kb / 4P
SILICON PLANAR ZENER DIODES
ZMM20HCC SEMTECH_ELEC-ZMM20HCC Datasheet
205Kb / 4P
SILICON PLANAR ZENER DIODES
ZMM20HCD SEMTECH_ELEC-ZMM20HCD Datasheet
205Kb / 4P
SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM20HS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
Silicon Epitaxial Planar Zener Diodes
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
Silicon Epitaxial Planar Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com