Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM20HS Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # ZMM20HS
Description  ZMM…HS Series Silicon Epitaxial Planar Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMM20HS Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  ZMM20HS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMM20HS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZMM20HS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ZMM20HS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 18/07/2009
®
SEMTECH ELECTRONICS LTD.
Subsidiary of Sino-Tech International (BVI) Limited
ZMM…HS Series
Characteristics at Ta = 25 OC
Type
Zener Voltage
1)
Dynamic Resistance
Reverse Leakage Current
VZ
at lZT
ZZT
at lZT
IR
at VR
Min. (V)
Max. (V)
(mA)
Max. (Ω)
(mA)
Max. (µA)
(V)
ZMM27HSC
25.63
26.95
5
45
5
0.2
21
ZMM27HSD
26.29
27.64
5
45
5
0.2
21
ZMM30HS
26.99
30.51
5
55
5
0.2
23
ZMM30HSA
26.99
28.39
5
55
5
0.2
23
ZMM30HSB
27.7
29.13
5
55
5
0.2
23
ZMM30HSC
28.36
29.82
5
55
5
0.2
23
ZMM30HSD
29.02
30.51
5
55
5
0.2
23
ZMM33HS
29.68
33.11
5
65
5
0.2
25
ZMM33HSA
29.68
31.22
5
65
5
0.2
25
ZMM33HSB
30.32
31.88
5
65
5
0.2
25
ZMM33HSC
30.9
32.5
5
65
5
0.2
25
ZMM33HSD
31.49
33.11
5
65
5
0.2
25
ZMM36HS
32.14
35.77
5
75
5
0.2
27
ZMM36HSA
32.14
33.79
5
75
5
0.2
27
ZMM36HSB
32.79
34.49
5
75
5
0.2
27
ZMM36HSC
33.4
35.13
5
75
5
0.2
27
ZMM36HSD
34.01
35.77
5
75
5
0.2
27
ZMM39HS
34.68
38.52
5
85
5
0.2
30
ZMM39HSA
34.68
36.47
5
85
5
0.2
30
ZMM39HSB
35.36
37.19
5
85
5
0.2
30
ZMM39HSC
36
37.85
5
85
5
0.2
30
ZMM39HSD
36.63
38.52
5
85
5
0.2
30
1) Tested with pulse tp = 20 ms
30
27 H S
Te s t c u r r e n t I z
5m A
0
0
10
20
I Z
10
V z
20
15 H S
12 H S
10 H S
18H S
22H S
40
V
30
33 H S
T j =25 ° C
7
4V 7 H S
0V 8 H S
B r ea k d o w n C h ar ac t e r i s t i c s
at T j = c o n s t an t ( p u ls ed)
5m A
T e s t c u rre n t I z
10
mA
1
0
0
20
30
I Z
4
2
3
V z
56
B r ea k d o w n C h ar ac t e r i s t i c s
at T j = c onst ant ( p u ls e d )
mA
50
40
T j =25° C
3V 3 H S
2V 7 H S
3V 9 H S
5V 6 H S
6V 8 H S
10
V
89
8V 2 H S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com