Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440LT33-R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 440LT33-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

440LT33-R Datasheet(HTML) 4 Page - Vishay Siliconix

  440LT33-R Datasheet HTML 1Page - Vishay Siliconix 440LT33-R Datasheet HTML 2Page - Vishay Siliconix 440LT33-R Datasheet HTML 3Page - Vishay Siliconix 440LT33-R Datasheet HTML 4Page - Vishay Siliconix 440LT33-R Datasheet HTML 5Page - Vishay Siliconix 440LT33-R Datasheet HTML 6Page - Vishay Siliconix 440LT33-R Datasheet HTML 7Page - Vishay Siliconix 440LT33-R Datasheet HTML 8Page - Vishay Siliconix 440LT33-R Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
440L Series
www.vishay.com
Vishay Cera-Mite
Revision: 29-Oct-2021
4
Document Number: 23102
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Popular tape and reel options are described above; consult factory for other available options www.vishay.com/doc?23140
• Practical consideration may limit tape and reel options on capacitor size - verify special requirements with factory
• For detailed information and figures see general information: www.vishay.com/doc?23140
Notes
• Marking IEC 60384-14 not shown on Ø
≤ 9 mm
• “XX - XXX” is a placeholder for date code and lot number:
“XX -” is the year and month according to IEC 60062
“- XXX” is the last 3 digits of the lot number
REELING STANDARD EIA-468B
EIA lead spacings for tape and reel are based on multiples of 0.100" (2.5 mm) to coordinate with automatic insertion machinery and boards
using 0.100" grid convention.
APPROVALS
IEC 60384-14 - Safety tests
This approval together with CB test certificate substitutes all national approvals.
CB Certificate (www.vishay.com/doc?22237)
Y1-capacitor: CB test certificate:
DE1-63481
10 pF to 20 nF
500 VAC
X1-capacitor: CB test certificate:
DE1-63481
10 pF to 20 nF
760 VAC
VDE (www.vishay.com/doc?22238)
Y1-capacitor: VDE marks approval:
40003985
10 pF to 20 nF
500 VAC
X1-capacitor: VDE marks approval:
40003985
10 pF to 20 nF
400 VAC
DIN EN 60384-14 VDE 0565-1-1 - Safety tests, annex H (humidity robustness grade IIIB)
Underwriters Laboratories Inc. (www.vishay.com/doc?22239)
Y1-capacitor: UL test certificate:
E99264
10 pF to 20 nF
500 VAC
X1-capacitor: UL test certificate:
E99264
10 pF to 20 nF
760 VAC
UL 60384-14, CSA E60384-1, CSA E60384-14
Fixed capacitors for electromagnetic interference suppression and connection to the supply mains.
MARKING
Sample
IEC 60384-14
440L
102M
CM
XX - XXX
Y1 500V~
X1 760V~



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com