Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440LT33-R Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 440LT33-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

440LT33-R Datasheet(HTML) 5 Page - Vishay Siliconix

  440LT33-R Datasheet HTML 1Page - Vishay Siliconix 440LT33-R Datasheet HTML 2Page - Vishay Siliconix 440LT33-R Datasheet HTML 3Page - Vishay Siliconix 440LT33-R Datasheet HTML 4Page - Vishay Siliconix 440LT33-R Datasheet HTML 5Page - Vishay Siliconix 440LT33-R Datasheet HTML 6Page - Vishay Siliconix 440LT33-R Datasheet HTML 7Page - Vishay Siliconix 440LT33-R Datasheet HTML 8Page - Vishay Siliconix 440LT33-R Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
440L Series
www.vishay.com
Vishay Cera-Mite
Revision: 29-Oct-2021
5
Document Number: 23102
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE CHANGE VS. TEMPERATURE (TYPICAL)
10
100
1000
10000
-10
-5
0
5
10
-55 -35 -15
5
25
45
65
85
105 125
Axis Title
Temperature (°C)
NP0
N750
10
100
1000
10000
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-55 -35 -15
5
25
45
65
85
105 125
Axis Title
Temperature (°C)
X7R
10
100
1000
10000
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
-55 -35 -15
5
25
45
65
85
105 125
Axis Title
Temperature (°C)
N2200
N1500
10
100
1000
10000
-100
-80
-60
-40
-20
0
20
40
60
-55 -35 -15
5
25
45
65
85
105 125
Axis Title
Temperature (°C)
Y5U



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com