Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-C3 Datasheet(PDF) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-C3 Datasheet(HTML) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-C3 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
3
Functional Description
3.4.5 I2S Interface
ESP32-C3 includes a standard I2S interface. This interface can operate as a master or a slave in full-duplex
mode or half-duplex mode, and can be configured for 8-bit, 16-bit, 24-bit, or 32-bit serial communication. BCK
clock frequency, from 10 kHz up to 40 MHz, is supported.
The I2S interface supports TDM PCM, TDM MSB alignment, TDM standard, and PDM TX interface. It connects
to the GDMA controller.
3.4.6 Remote Control Peripheral
The Remote Control Peripheral (RMT) supports two channels of infrared remote transmission and two channels
of infrared remote reception. By controlling pulse waveform through software, it supports various infrared and
other single wire protocols. All four channels share a 192 × 32-bit memory block to store transmit or receive
waveform.
3.4.7 LED PWM Controller
The LED PWM controller can generate independent digital waveform on six channels. The LED PWM
controller:
• can generate digital waveform with configurable periods and duty cycle. The accuracy of duty cycle can be
up to 18 bits.
• has multiple clock sources, including APB clock and external main crystal clock.
• can operate when the CPU is in Light-sleep mode.
• supports gradual increase or decrease of duty cycle, which is useful for the LED RGB color-gradient
generator.
3.4.8 General DMA Controller
ESP32-C3 has a general DMA controller (GDMA) with six independent channels, i.e. three transmit channels and
three receive channels. These six channels are shared by peripherals with DMA feature. The GDMA controller
implements a fixed-priority scheme among these channels, whose priority can be configured.
The GDMA controller controls data transfer using linked lists. It allows peripheral-to-memory and
memory-to-memory data transfer at a high speed. All channels can access internal RAM.
Peripherals on ESP32-C3 with DMA feature are SPI2, UHCI0, I2S, AES, SHA, and ADC.
3.4.9 USB Serial/JTAG Controller
ESP32-C3 integrates a USB Serial/JTAG controller. This controller has the following features:
• USB 2.0 full speed compliant, capable of up to 12 Mbit/s transfer speed (Note that this controller does not
support the faster 480 Mbit/s high-speed transfer mode)
• CDC-ACM virtual serial port and JTAG adapter functionality
• programming embedded/external flash
• CPU debugging with compact JTAG instructions
• a full-speed USB PHY integrated in the chip
3.4.10 TWAI® Controller
ESP32-C3 has a TWAI® controller with the following features:
Espressif Systems
22
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com