Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-C3 Datasheet(PDF) 30 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-C3 Datasheet(HTML) 30 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-C3 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
4
Electrical Characteristics
4. Electrical Characteristics
4.1 Absolute Maximum Ratings
Stresses beyond the absolute maximum ratings listed in the table below may cause permanent damage to the
device. These are stress ratings only, and do not refer to the functional operation of the device.
Table 11: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VDDA,
VDD3P3,
VDD3P3_RTC,
VDD3P3_CPU, VDD_SPI
Voltage applied to power supply pins
per power domain
–0.3
3.6
V
TST ORE
Storage temperature
–40
150
°C
4.2 Recommended Operating Conditions
Table 12: Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDDA, VDD3P3
Voltage applied to power supply pins per
3.0
3.3
3.6
V
VDD3P3_RTC
power domain
VDD_SPI (working as
input power supply)1
—
3.0
3.3
3.6
V
VDD3P3_CPU2, 3
Voltage applied to power supply pin
3.0
3.3
3.6
V
IV DD
4
Current delivered by external power supply
0.5
—
—
A
TA
Operating ambient
temperature
ESP32-C3
–40
—
105
°C
ESP32-C3FN4
85
ESP32-C3FH4
105
1 For more information, please refer to Section 2.3 Power Scheme.
2 When VDD_SPI is used to drive peripherals, VDD3P3_CPU should comply with the peripherals’ speci-
fications. For more information, please refer to Table 13.
3 To write eFuse, VDD3P3_CPU should not be higher than 3.3 V.
4 If you use a single power supply, the recommended output current is 500 mA or more.
4.3 VDD_SPI Output Characteristics
Table 13: VDD_SPI Output Characteristics
Symbol
Parameter
Typ
Unit
RSP I
On-resistance in 3.3 V mode
7.5
Ω
Espressif Systems
30
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com