Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2M40MS Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MIP2M40MS
Description  Silicon MOS FET type integrated circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP2M40MS Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MIP2M40MS Datasheet HTML 1Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 2Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 3Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 4Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 5Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 6Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 7Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MIP2M40MS
Ver. AEF
3
Electrical Characteristics TC = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Control functions
Output frequency *1
fosc
V4 = 15 V, V3 = 2 V, I2 = -20 mA, V5 = 5 V
60.3
67
73.7
kHz
Jitter frequency deviation *1
∆
f
V4 = 15 V, V3 = 2 V, I2 = -20 mA, V5 = 5 V
2.4
5.0
7.6
kHz
Jitter frequency modulation rate *1
fM
V4 = 15 V, V3 = 2 V, I2 = -20 mA, V5 = 5 V
360
Hz
Maximum duty cycle
MAXDC
V4 = 15 V, V3 = 2 V, I2 = -20 mA, V5 = 5 V
50
54
58
%
VDD voltage
VDD
V4 = 15 V, V3 = 6 V, I2 = -20 mA,
V5 = 5 V, V6 = 1 V
5.4
5.9
6.4
V
VCC start voltage
VCC(ON) V3 = 6 V, I2 = -20 mA,V5 = 5 V, V6 = 1 V
11
12
13
V
VCC stop voltage
VCC(OFF) V3 = 6 V, I2 = -20 mA,V5 = 5 V, V6 = 1 V
7.45
8.2
8.95
V
VCC start / stop hysteresis
VCC(HYS) V3 = 6 V, I2 = -20 mA,V5 = 5 V, V6 = 1 V
3.1
3.8
4.5
V
FB threshold voltage
IFB1
ON → OFF
V4 = 15 V, V3 = 6 V, V5 = 5 V, V6 = 1 V
-
140
-
100
-
60
m
A
FB hysteresis current
IFB(HYS)
OFF → ON
V4 = 15 V, V3 = 6 V, V5 = 5 V, V6 = 1 V
5
m
A
FB pin voltage
VFB1
V4 = 15 V, V3 = 6 V, I2 = IFB1,
V5 = 5 V, V6 = 1 V
1.6
1.9
2.2
V
Circuit current before start
ICC(SB)
V4 = 6.5 V, V3 = 6 V, I2 = -20 mA,
V5 = 5 V, V6 = 1 V
0.20
0.25
0.30
mA
Circuit current
ICC
V4 = 15 V, V3 = 6 V, I2 = -20 mA,
V5 = 5 V, V6 = 1 V
0.255
0.40
0.545
mA
VDD charging current
Ich1
V1 = 0 V, V5 = 40 V
-
5.25
-3.5
-1.75
mA
Ich2
V1 = 4 V, V5 = 40 V
-3.8
-2.45
-1.1
mA
LS start voltage
VLSH
V4 = VCC(OFF) → VCC(ON),
V3 = 6 V, I2 = -20 mA, V5 = 5 V
486
540
594
mV
LS stop voltage
VLSL
V4 = 15 V, V3 = 6 V, I2 = -20 mA, V5 = 5 V
355
395
435
mV
LS detect hysteresis
VLS(HYS) VLSH - VLSL
145
mV
LS start / stop mode filter time
TLSstop
V4 = 15 V, V3 = 6 V, I2 = -20 mA,
V5 = 5 V, V6 = VLSH → VLSL
4.2
5.85
7.5
ms
LS detect SO signal mode filter time
TLSSO
V4 = 15 V, V3 = 6 V, I2 = -20 mA, V5 = 5 V
1.85
3.15
4.45
ms
SO output voltage
VSO
V4 = 15 V, I2 = -20 mA, V5 = 5 V,
V6 = VLSH → VLSL
3.2
4.2
5.2
V
SO output current
ISO
V4 = 15 V, V3 = 1 V, I2 = -20 mA,
V5 = 5 V, V6 = 0 V
-
1.2
-
0.80
-
0.4
mA
SO disable threshold
VSOTH
V4 = 15 V, I2 = -20 mA,V5 = 5 V, V6 = 0 V
4.6
5.2
5.8
V
SO disable threshold difference
D_VSO
VSOTH - VSO
0.7
1.0
1.3
V
SO pull down current
ISO_down
V4 = 15 V, V3 = 1 V, I2 = -20 mA,
V5 = 5 V, V6 = 0 V
0.3
0.7
1.1
m
A
Soft start time
Tsoft
V4 = VCC(OFF) → VCC(ON),
I2 = -20 mA, V5 = 5 V, V6 = 1 V
5
8.5
12
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com