Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2M40MS Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MIP2M40MS
Description  Silicon MOS FET type integrated circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP2M40MS Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MIP2M40MS Datasheet HTML 1Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 2Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 3Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 4Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 5Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 6Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 7Page - Panasonic Semiconductor MIP2M40MS Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIP2M40MS
4
Ver. AEF
Electrical Characteristics (continued) TC = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Circuit protections
Self protection current limit *2
ILIMIT
V4 = 15 V, V3 = 2 V, V2 = 2.6 V,
V5 = adjusted, Duty = 30%
0.315
0.35
0.385
A
ILIMIT modified coefficient *2
R_slope
V4 = 15 V, V3 = 2 V, V2 = 2.6 V,
V5 = adjusted, Duty = 10%
10
mA/ms
Drain current at light load
ID(OFF)
Ton = 4.5 ms, V4 = 15 V, V3 = 2 V,
I2 = IFB1+2 mA, V5 = adjusted
40
100
160
mA
FB current at heavy load
IFBOLP
V5 = ILIMIT conditon
V4 = 15 V, V3 = 2 V, V2 = 3 V, V6 = 1 V
-
10
-
13
-
7
m
A
FB over load protection detect voltage
VFBOLP
V5 = ILIMIT conditon
V4 = 15 V, V3 = 2 V, V6 = 1 V
3.5
3.85
4.2
V
FB over load protection hysteresis
HYSVFBOLP
0.65
V
FB discharge current at timer intermittent IFBOLPP
V5 = ILIMIT conditon, V4 = VCC(OFF),
V3 = 2 V, V2 = 25 V, V6 = 1 V
0.6
1.0
1.4
mA
FB current at MAXDC detect
IFBMAXDC
V4 = 15 V, V3 = 6 V, V2 = 3 V,V5 = 5 V,
V6 = 1 V
0.2
m
A
Timer intermittent function *3
TIMER
V4 = VCC(ON) → VCC(OFF),
V5 = ILIMIT condition, V3 = 6 V,
I2 = -20 mA, V6 = 1 V
4
Timer intermittent function disabled at
MAXDC *4
TIMER2
V4 = VCC(ON) → VCC(OFF),
V5 = 5 V, V3 = 6 V, I2 = -20 mA, V6 = 1 V
1
Leading edge blanking delay
ton(BLK)
230
290
350
ns
Current limit delay
td(OCL)
100
150
200
ns
VCC over voltage protection
VCC(OV) V3 = 6 V, I2 = -20 mA, V5 = 5 V, V6 = 1 V
26
29
32
V
VDD over voltage protection
VDD(OV)
V4 = 15 V, I1 = IDD(OV), V3 = 0 V,
I2 = -20 mA, V5 = 5 V, V6 = 6 V
6.2
7.0
7.8
V
VDD current at VDD over voltage
protection
IDD(OV)
V4 = 15 V, V3 = 0 V, I2 = -20 mA,
V5 = 5 V, V6 = 6 V
2.4
3.5
4.6
mA
VDD(OV) difference
D_VDDOV VDD(ON) - VDD
0.4
0.9
1.5
V
Thermal shutdown temperature
TOTP
130
140
150
°
C
Latch reset VDD threshold
VDDreset
1.8
2.7
3.5
V
Output
ON-state resistance
RDS(ON)
V4 = 15 V, V3 = 2 V, I5 = 100 mA,
I2 = -20 mA, V6 = 1 V
16
21
W
OFF-state leakage current
IDSS
V4 = 35 V, I2 = -20 mA, V3 = 6 V,
V5 = 650 V, V6 = 1 V
10
20
m
A
Breakdown voltage
VDSS
V4 = 35 V, I2 = -20 mA, V3 = 6 V,
I5 = 100 mA, V6 = 1 V
700
V
Rise time *5
tr
V4 = 15 V, V3 = 1 V, I2 = -20 mA, V5 = 5 V
70
ns
Fall time *5
tf
V4 = 15 V, V3 = 1 V, I2 = -20 mA, V5 = 5 V
35
ns
Supply voltage characteristics
Drain supply voltage
VD(MIN) V1, V2, V3, V4, V6 OPEN
50
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com