Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2170 Datasheet(PDF) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2170
Description  Dual Full-Bridge PWM Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2170 Datasheet(HTML) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2170 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AM2170
Motor Driver ICs
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
O
OC
CT
T.. 2
20
00
08
8 V
V1
1..2
2
- 9 -
D
E1
E
B
b1
e
15
28
1
14
0.15
C
A
A2
A1
C
L
Package Outline
HSOP28
MILLIMETERS
INCHES
SYMBOL
Min.
Max.
Min.
Max.
A
-
2.75
-
0.108
A1
-
0.3
-
0.012
A2
-
2.45
-
0.096
B
4.95
5.35
0.195
0.211
b1
0.23
0.47
0.009
0.019
C
0.2
0.36
0.008
0.014
D
17.89
18.8
0.704
0.740
E
7.3
7.9
0.287
0.311
E1
9.6
10.65
0.378
0.419
e
0.8 (TYP)
0.031(TYP)
L
0.3
1.27
0.012
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com