Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2170 Datasheet(PDF) 3 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2170
Description  Dual Full-Bridge PWM Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2170 Datasheet(HTML) 3 Page - AMtek SEMICONDUCTORS CO., LTD

  AM2170 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AM2170
Motor Driver ICs
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
O
OC
CT
T.. 2
20
00
08
8 V
V1
1..2
2
- 3 -
OUT A
+10
20KΩ
40KΩ
10KΩ
VBB
OUT B
SENSE
-
COMP IN
RC
RS
CC
ONE
SHOT
SOURCE
DISABLE
RC
I0
I1
V REF
RT
CT
1
22
27
24
18
21
20
23
17
PWM Current-Control Circuitry
Channel 1 terminal numbers shown
TRUTH TABLE
PHASE
OUTA
OUTB
H
H
L
L
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com