Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2849 Datasheet(PDF) 3 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2849
Description  One Channel H-Bridge Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2849 Datasheet(HTML) 3 Page - AMtek SEMICONDUCTORS CO., LTD

  AM2849 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AM2849
Motor Driver ICs
AMtek semiconductors
Nov. 2020 V0.9
- 3 -
Electrical Characteristics ( Unless otherwise specified, TA = 25℃, VCC=6V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Power Supplies
Supply Current
ICC
4
mA
Input signal IN_A/B= L/H or H/L
or H/H No load on OUT_A/B,
Standby Current
ISTB
2
uA
Input signal IN_A/B= L/L
IN_X Inputs
Input H level Voltage
VIN_XH
2.0
6
V
Input L level Voltage
VIN_XL
-0.3
0.7
V
Input H level Current
IIN_X
100
μA
VCC = 6V, VIN = 3V
Input Frequency
FIN_X
30
KHz
Input Pull Down Resistance
RIN_X
30
KΩ
H-bridge FETs
On-Resistance
Rds(on)
90
mΩ
IO = 1A
Upper and Lower total
On-Resistance
Rds(on)
100
mΩ
IO = 3A
Upper and Lower total
TSD Protections
Thermal Shutdown Protection
TSDP
160
℃
Thermal Shutdown Release
TSDR
105
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com