Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2849 Datasheet (PDF) - AMtek SEMICONDUCTORS CO., LTD

AM2849 Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD
Part # AM2849
Download  AM2849 Download
File Size   577.21 Kbytes
Page   12 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description One Channel H-Bridge Motor Driver

AM2849 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2849 Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD

Part # AM2849
Download  AM2849 Click to download

File Size   577.21 Kbytes
Page   12 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description One Channel H-Bridge Motor Driver

AM2849 Datasheet (HTML) - AMtek SEMICONDUCTORS CO., LTD


AM2849 Product details

Features and Benefits
1) Lowest RDS (ON) 90mΩ for high efficient H-Bridge output
2) SOP-8 package for small size PCB layout
3) Maximum continuous current output 4A
4) Operation voltage range 3.6V to 30V
5) Absolute maximum voltage 34V
6) Over temperature protection
7) Over current protection
8) Low standby current
9) Low quiescent current




Similar Part No. - AM2849

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AM2841 FAIRCHILD-AM2841 Datasheet
407Kb / 6P
64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
AM2841A FAIRCHILD-AM2841A Datasheet
407Kb / 6P
64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
AM2841ADC FAIRCHILD-AM2841ADC Datasheet
407Kb / 6P
64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
AM2841APC FAIRCHILD-AM2841APC Datasheet
407Kb / 6P
64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
AM2841AXX FAIRCHILD-AM2841AXX Datasheet
407Kb / 6P
64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
More results


Similar Description - AM2849

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM1016A AMTEK-AM1016A Datasheet
560Kb / 12P
One Channel H-Bridge Motor Driver
Mar. 2021 V1.3
AM1037A AMTEK-AM1037A Datasheet
622Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.3
AM1037EA AMTEK-AM1037EA Datasheet
659Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM1058A AMTEK-AM1058A Datasheet
513Kb / 12P
One Channel H-Bridge Power Driver
Nov 2017 V 1.2
AM1096 AMTEK-AM1096 Datasheet
484Kb / 9P
One Channel H-Bridge Power Driver
Oct. 2016 V0.5
AM1107 AMTEK-AM1107 Datasheet
699Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM2861 AMTEK-AM2861 Datasheet
476Kb / 14P
One Channel H-Bridge Motor Driver
Nov. 2020 V1.3
AM2878 AMTEK-AM2878 Datasheet
496Kb / 14P
One Channel H-Bridge Motor Driver
Aug. 2020 V1.6
AM4959 AMTEK-AM4959 Datasheet
475Kb / 14P
One Channel H-Bridge Motor Driver
Jan. 2021 V1.8
AM8068.ENG AMTEK-AM8068.ENG Datasheet
482Kb / 12P
One Channel H-Bridge Power Driver
May. 2018 V1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com