Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1107 Datasheet (PDF) - AMtek SEMICONDUCTORS CO., LTD

AM1107 Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD
Part # AM1107
Download  AM1107 Download
File Size   699.54 Kbytes
Page   12 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description One Channel H-Bridge Power Driver

AM1107 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM1107 Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD

Part # AM1107
Download  AM1107 Click to download

File Size   699.54 Kbytes
Page   12 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description One Channel H-Bridge Power Driver

AM1107 Datasheet (HTML) - AMtek SEMICONDUCTORS CO., LTD


AM1107 Product details

Features and Benefits
 Wide supply voltage range up to 11 V
 Maximum continuous current o utput up to 1. 3 A
 Low R DS(ON) for high efficient H bridge output
 Buil t in LD O Regulator 2.76 V
 LDO output driver current 100mA
 SOP 8 packag e for small size PCB layout
 Over current protection
 Over temperature protection
 Low standby current
 Low quiescent current




Similar Part No. - AM1107

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM1107EA AMTEK-AM1107EA Datasheet
599Kb / 12P
One Channel H-Bridge Power Driver
Oct. 2016 V0.1
logo
Panasonic Semiconductor
AM1107F PANASONIC-AM1107F Datasheet
228Kb / 8P
HIGH CONTACT CAPACITY, PRECISE OPERATION
More results


Similar Description - AM1107

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM1016A AMTEK-AM1016A Datasheet
560Kb / 12P
One Channel H-Bridge Motor Driver
Mar. 2021 V1.3
AM1037A AMTEK-AM1037A Datasheet
622Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.3
AM1037EA AMTEK-AM1037EA Datasheet
659Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM1058A AMTEK-AM1058A Datasheet
513Kb / 12P
One Channel H-Bridge Power Driver
Nov 2017 V 1.2
AM1096 AMTEK-AM1096 Datasheet
484Kb / 9P
One Channel H-Bridge Power Driver
Oct. 2016 V0.5
AM1107EA AMTEK-AM1107EA Datasheet
599Kb / 12P
One Channel H-Bridge Power Driver
Oct. 2016 V0.1
AM2849 AMTEK-AM2849 Datasheet
577Kb / 12P
One Channel H-Bridge Motor Driver
Nov. 2020 V0.9
AM2878 AMTEK-AM2878 Datasheet
496Kb / 14P
One Channel H-Bridge Motor Driver
Aug. 2020 V1.6
AM4959 AMTEK-AM4959 Datasheet
475Kb / 14P
One Channel H-Bridge Motor Driver
Jan. 2021 V1.8
AM8068.ENG AMTEK-AM8068.ENG Datasheet
482Kb / 12P
One Channel H-Bridge Power Driver
May. 2018 V1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com