Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4959 Datasheet (PDF) - AMtek SEMICONDUCTORS CO., LTD

AM4959 Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD
Part # AM4959
Download  AM4959 Download
File Size   475.38 Kbytes
Page   14 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description One Channel H-Bridge Motor Driver

AM4959 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM4959 Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD

Part # AM4959
Download  AM4959 Click to download

File Size   475.38 Kbytes
Page   14 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description One Channel H-Bridge Motor Driver

AM4959 Datasheet (HTML) - AMtek SEMICONDUCTORS CO., LTD


AM4959 Product details

Features and Benefits
1) Lowest RDS (ON) 170mΩ for high efficient H-Bridge output
2) SOP-8 package for small size PCB layout
3) Maximum continuous current output 2.2A
4) Operation voltage range 4.5V to 33V
5) Absolute maximum voltage 42V
6) Over temperature protection
7) Over current protection
8) Low standby current
9) Low quiescent current




Similar Part No. - AM4959

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4951 DIODES-AM4951 Datasheet
365Kb / 14P
BTL Drive Single-phase Full-wave Fan Motor Driver
Rev 1
logo
BCD Semiconductor Manuf...
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
180Kb / 3P
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4951MM-G1 DIODES-AM4951MM-G1 Datasheet
365Kb / 14P
BTL Drive Single-phase Full-wave Fan Motor Driver
Rev 1
More results


Similar Description - AM4959

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM1016A AMTEK-AM1016A Datasheet
560Kb / 12P
One Channel H-Bridge Motor Driver
Mar. 2021 V1.3
AM1037A AMTEK-AM1037A Datasheet
622Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.3
AM1037EA AMTEK-AM1037EA Datasheet
659Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM1058A AMTEK-AM1058A Datasheet
513Kb / 12P
One Channel H-Bridge Power Driver
Nov 2017 V 1.2
AM1096 AMTEK-AM1096 Datasheet
484Kb / 9P
One Channel H-Bridge Power Driver
Oct. 2016 V0.5
AM1107 AMTEK-AM1107 Datasheet
699Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM2849 AMTEK-AM2849 Datasheet
577Kb / 12P
One Channel H-Bridge Motor Driver
Nov. 2020 V0.9
AM2861 AMTEK-AM2861 Datasheet
476Kb / 14P
One Channel H-Bridge Motor Driver
Nov. 2020 V1.3
AM2878 AMTEK-AM2878 Datasheet
496Kb / 14P
One Channel H-Bridge Motor Driver
Aug. 2020 V1.6
AM8068.ENG AMTEK-AM8068.ENG Datasheet
482Kb / 12P
One Channel H-Bridge Power Driver
May. 2018 V1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com