Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8068.ENG Datasheet (PDF) - AMtek SEMICONDUCTORS CO., LTD

AM8068.ENG Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD
Part # AM8068.ENG
Download  AM8068.ENG Download
File Size   482.58 Kbytes
Page   12 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description One Channel H-Bridge Power Driver

AM8068.ENG Datasheet (PDF)

Go To PDF Page Download Datasheet
AM8068.ENG Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD

Part # AM8068.ENG
Download  AM8068.ENG Click to download

File Size   482.58 Kbytes
Page   12 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description One Channel H-Bridge Power Driver

AM8068.ENG Datasheet (HTML) - AMtek SEMICONDUCTORS CO., LTD


AM8068.ENG Product details

● Features and Benefits
 Wide supply voltage range (2.0V~6.8V)
 Maximum output continuous current 0.9A
 Low standby mode current (Typ=0.01μA)
 Low quiescent operation current
 Low MOSFETs On-resistance 0.6Ω@Io=0.2A ; 0.65Ω@Io=0.6A
 Provide four operation modes: forward/reverse/stop/brake
 Thermal shutdown protection
 SOT23-6 package for small size PCB layout
 Pb-Free and Halogen-Free Green product




Similar Part No. - AM8068.ENG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
More results


Similar Description - AM8068.ENG

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM1016A AMTEK-AM1016A Datasheet
560Kb / 12P
One Channel H-Bridge Motor Driver
Mar. 2021 V1.3
AM1037A AMTEK-AM1037A Datasheet
622Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.3
AM1037EA AMTEK-AM1037EA Datasheet
659Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM1058A AMTEK-AM1058A Datasheet
513Kb / 12P
One Channel H-Bridge Power Driver
Nov 2017 V 1.2
AM1096 AMTEK-AM1096 Datasheet
484Kb / 9P
One Channel H-Bridge Power Driver
Oct. 2016 V0.5
AM1107 AMTEK-AM1107 Datasheet
699Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM1107EA AMTEK-AM1107EA Datasheet
599Kb / 12P
One Channel H-Bridge Power Driver
Oct. 2016 V0.1
AM2849 AMTEK-AM2849 Datasheet
577Kb / 12P
One Channel H-Bridge Motor Driver
Nov. 2020 V0.9
AM2878 AMTEK-AM2878 Datasheet
496Kb / 14P
One Channel H-Bridge Motor Driver
Aug. 2020 V1.6
AM4959 AMTEK-AM4959 Datasheet
475Kb / 14P
One Channel H-Bridge Motor Driver
Jan. 2021 V1.8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com