Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8068.ENG Datasheet(PDF) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM8068.ENG
Description  One Channel H-Bridge Power Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM8068.ENG Datasheet(HTML) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM8068.ENG Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AM8068
Motor Driver ICs
Practically, most of the device heat goes into the PCB, there is a very low heat flow through top of the
package, So the temperature difference between Tj and Tt shall be small, that is any error caused by PCB
variation is small.
This constant represents that
Ψjt is completely PCB independent and could be used to predict the Tj in the
environment of the actual PCB if Tt is measured properly.
How to predict Tj in the environment of the actual PCB
Step 1 : Used the simulated
Ψjt value listed above.
Step 2 : Measure Tt value by using
Thermocouple Method
We recommend use of a small ~40 gauge(3.15mil diameter) thermocouple. The bead and
thermocouples wires should touch the top of the package and be covered with a minimal amount of
thermally conductive epoxy. The wires should be heat-insulated to prevent cooling of the bead due to
heat loss into wires. This is important towards preventing “too cool” Tt measurements, which would
lead to the calculated Tj also being too cool.
IR Spot Method
An IR Spot method should be utilized only when using a tool with a small enough spot area to acquire
the true top center “hot spot”.
Many so-called “small spot size” tools still have a measurement area of 0~100+mils at “zero” distance
of the tool from the surface. This spot area is too big for many smaller packages and likely would
result in cooler readings than the small
thermocouple method. Consequently, to match between
spot area and package surface size is important while measuring Tt with IR sport method.
Step 3 : calculating power dissipation by
P
≅ (VCC–|Vo_
Hi – Vo_Lo|) x Iout + VCC x Icc
Step 4 : Estimate Tj value by
Tj=
Ψjt x P+Tt
Step 5: Calculated
Θja value of actual PCB by the known Tj
Θja(actual) = (Tj-Ta)/P
AMtek semiconductors
May. 2018 V1.1
- 9 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com