Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8068.ENG Datasheet(PDF) 2 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM8068.ENG
Description  One Channel H-Bridge Power Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM8068.ENG Datasheet(HTML) 2 Page - AMtek SEMICONDUCTORS CO., LTD

  AM8068.ENG Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AM8068
Motor Driver ICs
Absolute Maximum Ratings (T
A =25℃)
*Based on 25x25 mm
2 FR4 PCB (1 oz.) at single side PCB
Recommended operating conditions (T
A =25℃)
(Set the power supply voltage taking allowable dissipation into considering)
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltage
VCC
2.0
6.8
V
IN_A and IN_B
VIN_X
-0.3
Vcc+0.3
V
H-bridge output continuous current
IOUT
0
0.9 *
A
Externally applied PWM frequency
FIN_X
0.02
65
KHZ
*Based on 25x25 mm
2 FR4 PCB (1 oz.) at single side PCB
Parameter
Symbol
Limits
Unit
Power Supply voltage
VCC
7.0
V
Output continuous current
Iocont
0.9 *
A
Operate temperature range
Topr
-40~+85
℃
Storage temperature range
Tstg
-40~+150
℃
AMtek semiconductors
May. 2018 V1.1
- 2 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com