Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8068.ENG Datasheet(PDF) 3 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM8068.ENG
Description  One Channel H-Bridge Power Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM8068.ENG Datasheet(HTML) 3 Page - AMtek SEMICONDUCTORS CO., LTD

  AM8068.ENG Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AM8068
Motor Driver ICs
Electrical Characteristics ( Unless otherwise specified, T
A = 25℃,VCC=5V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Power Supplies
Quiescent operation current
ICC
65
μA
Input signal IN_A/B= L/H
or H/L or H/H, No load on
OUT_A/B
Standby mode current
ISTB
0.01
1
μA
Input signal IN_A/B= L/L,
No load on OUT_A/B
PWM inputs
Input H level voltage
VIN_xH
2.0
VCC
V
Input L level voltage
VIN_xL
0
0.7
V
Input H level current
IIN_x
30
μA
VCC = 5 V , VIN_x = 3 V
Input frequency
FIN_x
0.02
65
kHz
Input pulldown resistance
RIN_x
100
kΩ
H-bridge FETs
On-resistance
Rds(on)
0.6
Ω
IO = 200mA
Upper and Lower total
On-resistance
Rds(on)
0.65
Ω
IO = 600mA
Upper and Lower total
TSD Protections
Thermal shutdown protection
TSDp
150
℃
Thermal shutdown release
TSDr
125
℃
AMtek semiconductors
May. 2018 V1.1
- 3 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com