Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2878 Datasheet (PDF) - AMtek SEMICONDUCTORS CO., LTD

AM2878 Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD
Part # AM2878
Download  AM2878 Download
File Size   496.23 Kbytes
Page   14 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description One Channel H-Bridge Motor Driver

AM2878 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2878 Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD

Part # AM2878
Download  AM2878 Click to download

File Size   496.23 Kbytes
Page   14 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description One Channel H-Bridge Motor Driver

AM2878 Datasheet (HTML) - AMtek SEMICONDUCTORS CO., LTD


AM2878 Product details

Features and Benefits
1) Lowest RDS (ON) 115mΩ for high efficient H-Bridge output
2) SOP-8 package for small size PCB layout
3) Maximum continuous current output 3A
4) Operation voltage range 4V to 33V
5) Absolute maximum voltage 42V
6) Over temperature protection
7) Over current protection
8) Low standby current
9) Low quiescent current

Application
Robotic
AI Home Appliances
DC Brushed Motor Drive
Industrial Equipment
Other Mechatronic Applications
Servo Motor




Similar Part No. - AM2878

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM280N03-03B6L ANALOGPOWER-AM280N03-03B6L Datasheet
283Kb / 5P
N-Channel 30-V (D-S) MOSFET
AM280N03-03PF ANALOGPOWER-AM280N03-03PF Datasheet
359Kb / 5P
N-Channel 30-V (D-S) MOSFET
logo
AMtek SEMICONDUCTORS CO...
AM2827S AMTEK-AM2827S Datasheet
899Kb / 20P
Three Phase Brushless Motor Driver
Oct. 2018 V1.1
logo
Advanced Micro Devices
AM2833 AMD-AM2833 Datasheet
274Kb / 4P
1024-Bit Static Shift Registers
AM2833DC AMD-AM2833DC Datasheet
274Kb / 4P
1024-Bit Static Shift Registers
More results


Similar Description - AM2878

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM1016A AMTEK-AM1016A Datasheet
560Kb / 12P
One Channel H-Bridge Motor Driver
Mar. 2021 V1.3
AM1037A AMTEK-AM1037A Datasheet
622Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.3
AM1037EA AMTEK-AM1037EA Datasheet
659Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM1058A AMTEK-AM1058A Datasheet
513Kb / 12P
One Channel H-Bridge Power Driver
Nov 2017 V 1.2
AM1096 AMTEK-AM1096 Datasheet
484Kb / 9P
One Channel H-Bridge Power Driver
Oct. 2016 V0.5
AM1107 AMTEK-AM1107 Datasheet
699Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM2849 AMTEK-AM2849 Datasheet
577Kb / 12P
One Channel H-Bridge Motor Driver
Nov. 2020 V0.9
AM2861 AMTEK-AM2861 Datasheet
476Kb / 14P
One Channel H-Bridge Motor Driver
Nov. 2020 V1.3
AM4959 AMTEK-AM4959 Datasheet
475Kb / 14P
One Channel H-Bridge Motor Driver
Jan. 2021 V1.8
AM8068.ENG AMTEK-AM8068.ENG Datasheet
482Kb / 12P
One Channel H-Bridge Power Driver
May. 2018 V1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com