Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPI3-MODBP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RPI3-MODBP
Description  Raspberry Pi 3 Model B
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RPI3-MODBP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RPI3-MODBP Datasheet HTML 1Page - List of Unclassifed Manufacturers RPI3-MODBP Datasheet HTML 2Page - List of Unclassifed Manufacturers RPI3-MODBP Datasheet HTML 3Page - List of Unclassifed Manufacturers RPI3-MODBP Datasheet HTML 4Page - List of Unclassifed Manufacturers RPI3-MODBP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
Raspberry Pi 3 Model B+
raspberrypi.org
Overview
The Raspberry Pi 3 Model B+ is the latest product in the Raspberry Pi 3 range,
boasting a 64-bit quad core processor running at 1.4GHz, dual-band 2.4GHz
and 5GHz wireless LAN, Bluetooth 4.2/BLE, faster Ethernet, and PoE capability
via a separate PoE HAT
The dual-band wireless LAN comes with modular compliance certification,
allowing the board to be designed into end products with significantly reduced
wireless LAN compliance testing, improving both cost and time to market.
The Raspberry Pi 3 Model B+ maintains the same mechanical footprint as both
the Raspberry Pi 2 Model B and the Raspberry Pi 3 Model B.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com